Electronic Components Datasheet Search
  English  ▼

X  

TH212 Datasheet(PDF) 2 Page - Danley Sound Labs. All Rights Reserved.

Part # TH212
Description  TAPPED HORN COMMERCIAL PRO SUBWOOFERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DANLEY [Danley Sound Labs. All Rights Reserved.]
Direct Link  https://www.danleysoundlabs.com/
Logo DANLEY - Danley Sound Labs. All Rights Reserved.

TH212 Datasheet(HTML) 2 Page - Danley Sound Labs. All Rights Reserved.

  TH212 Datasheet HTML 1Page - Danley Sound Labs. All Rights Reserved. TH212 Datasheet HTML 2Page - Danley Sound Labs. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TAPPED HORN COMMERCIAL PRO SUBWOOFERS
© 2012 Danley Sound Labs. All Rights Reserved.
www.danleysoundlabs.com
Architect/Engineers Specs
The subwoofer loudspeaker shall utilize two 12
” long excursion transducers in a tapped-horn (patent-pending)
enclosure. The subwoofer shall have an operating range of - 3 dB 38 Hz
– 200 Hz with sensitivity of 104 dBSPL,
107.8 dBSPL at 81 Hz. 133/139 dB max SPL. Power handling shall be 1400 W continuous, 2800W Program.
The impedance shall be nominal 4 ohm.
The loudspeaker shall be constructed of 13 ply Baltic birch, water resistant Polyurea coated, properly braced for
the intended use. The connectors shall be Neutrik NL4. The subwoofer loudspeaker shall be the Danley Sound
Labs TH212.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com