Electronic Components Datasheet Search
  English  ▼

X  

CD2111CB Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # CD2111CB
Description  FM AM monolithic radio circuit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CD2111CB Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  CD2111CB Datasheet HTML 1Page - List of Unclassifed Manufacturers CD2111CB Datasheet HTML 2Page - List of Unclassifed Manufacturers CD2111CB Datasheet HTML 3Page - List of Unclassifed Manufacturers CD2111CB Datasheet HTML 4Page - List of Unclassifed Manufacturers CD2111CB Datasheet HTML 5Page - List of Unclassifed Manufacturers CD2111CB Datasheet HTML 6Page - List of Unclassifed Manufacturers CD2111CB Datasheet HTML 7Page - List of Unclassifed Manufacturers CD2111CB Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
华晶双极电路
CD2111CP
接上表
规 范 值
参 数 名 称
符 号
测 试 条 件
最小
典型
最大
单位
图号
FMIF
输入灵敏度
Vin(lim)IF
-3dB
35
40
45
dB
u
(EMF)
4.1
检波输出
VOD
Vin=80dBuV EMF
60
75
90
mVrms
4.1
信噪比
S/N
Vin =80dBuV EMF
65
4.1
失真
THD
Vin =80dBuV EMF
0.2
%
4.1
调幅抑制比
AMR
Vin =80dBuV EMF
50
dB
4.1
LED 灵敏度
VL
IL=1mA
40
45
50
dB
u
(EMF)
4.1
软静噪衰减
MUTE
Vin =0
20
dB
4.1
AM
增益
AV
Vin =25dBuV EMF
18
35
70
mVrm
s
4.1
检波输出
VOD
Vin =60dBuV EMF
50
70
90
mVrms
4.1
信噪比
S/N
Vin =60dBuV EMF
41
dB
4.1
失真度
THD
Vin 60dBuV EMF
0.7
%
4.1
LED 灵敏度
VL
IL=1mA
23
28
33
dBu
(EMF)
4.1
MPX
输入阻抗
RIN
55
k
输出阻抗
ROUT
5
k
立体声最入
电压
VinMAX
ST
L+R=90%
P=10%
Fm=1kHz THD=3%
700
mVrms
4.1
fm=1kHz
35
45
分离度
Sep
P=20Vrms
fm=10kHz
45
dB
4.1
单
声
道
THD(MON)
Vin=200mVrms
0.3
%
4.1
失真度
立
体
声
THD(STE)
L+R=180mVrms
P=20Vrms
0.3
%
4.1
增益
AV
Vin=200mVrms
-2.5
-1
0.5
dB
4.1
通道平衡度
C.B.
Vin=200mVrms
-1.5
0
1.5
dB
4.1
开
VL(ON)
8
12
mVrms
4.1
立体声
指示灵
敏度
关
VL(OFF)
导频输入
3
6
mVrms
4.1
立体声指示
延迟
VH
从 LED 开到 LED 关
2
mVrms
4.1
捕捉范围
C.R.
P=20 mVrms
8
%
4.1
信噪比
S/N
80
dB
4.1
第 3 页 共 8 页



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com