Electronic Components Datasheet Search
  English  ▼

X  

YT2201 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # YT2201
Description  Step-down (BUCK) non-isolated LED driver control chip
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

YT2201 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  YT2201 Datasheet HTML 1Page - List of Unclassifed Manufacturers YT2201 Datasheet HTML 2Page - List of Unclassifed Manufacturers YT2201 Datasheet HTML 3Page - List of Unclassifed Manufacturers YT2201 Datasheet HTML 4Page - List of Unclassifed Manufacturers YT2201 Datasheet HTML 5Page - List of Unclassifed Manufacturers YT2201 Datasheet HTML 6Page - List of Unclassifed Manufacturers YT2201 Datasheet HTML 7Page - List of Unclassifed Manufacturers YT2201 Datasheet HTML 8Page - List of Unclassifed Manufacturers YT2201 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
www.cx-semi.com
YT220X_DS
A4
2/11
封装和订购信息
型号
材料情况
封装
工作环境温度范围
内置
MOSFET 规格
包装
YT2201GS8
无卤
SOP8
-40℃至 105℃
500V15ohm
编带卷盘
2500 颗/盘
YT2202GS8
无卤
SOP8
-40℃至 105℃
500V8ohm
编带卷盘
2500 颗/盘
YT2207GS8
无卤
SOP8
-40℃至 105℃
550V6ohm
编带卷盘
2500 颗/盘
YT2207GD8
无卤
DIP8
-40℃至 105℃
550V6ohm
管装
50 颗/管
YT2208GS8
无卤
SOP8
-40℃至 105℃
500V3ohm
编带卷盘
2500 颗/盘
YT2208GD8
无卤
DIP8
-40℃至 105℃
500V3ohm
管装
50 颗/管
YT2209GD8
无卤
DIP8
-40℃至 105℃
500V2ohm
管装
50 颗/管
封装及引脚排布(俯视图)
图
2 YT220X 的 SOP8/DIP8 封装及引脚排布
注
2:芯片丝印请参考“丝印命名规则”部分。
引脚功能定义
管脚号
SOP8/DIP8
管脚名称
功能描述
1
GND
芯片地引脚。
2
ROVP
LED 过压保护设置引脚。
接电阻至
GND。
3
NC
无连接引脚。
建议连接至
GND。
4
VCC
芯片供电引脚。
“VCC”引脚提供芯片欠压保护(VCC UVLO)和芯片过压保护(VCC OVP)。
5
DRAIN
内部高压
MOSFET 的漏极引脚。
“DRAIN”直接连接直流母线正极。
6
7
CS
电流采样引脚。
接电阻至
GND 采样 MOSFET 电流以控制 LED 电流。
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com