Electronic Components Datasheet Search
  English  ▼

X  

YT2201 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # YT2201
Description  Step-down (BUCK) non-isolated LED driver control chip
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

YT2201 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  YT2201 Datasheet HTML 1Page - List of Unclassifed Manufacturers YT2201 Datasheet HTML 2Page - List of Unclassifed Manufacturers YT2201 Datasheet HTML 3Page - List of Unclassifed Manufacturers YT2201 Datasheet HTML 4Page - List of Unclassifed Manufacturers YT2201 Datasheet HTML 5Page - List of Unclassifed Manufacturers YT2201 Datasheet HTML 6Page - List of Unclassifed Manufacturers YT2201 Datasheet HTML 7Page - List of Unclassifed Manufacturers YT2201 Datasheet HTML 8Page - List of Unclassifed Manufacturers YT2201 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
www.cx-semi.com
YT220X_DS
A4
4/11
极限参数
注
3
参数
符号
值
单位
“VCC”引脚电压范围
Vcc
-0.3 ~ 17
V
“VCC”引脚输入电流最大值
Icc_max
5
mA
“CS”和“ROVP”引脚电压范围
Vcs, Vrovp
-0.3 ~ 6
V
“DRAIN”引脚电压最大值
Vds_max_2207
Vds_max_2201-2-8-9
500
550
V
人体模型静电放电能力
注
4
ESDhbm
2000
V
工作结温范围
Tj
-40 ~ 150
℃
工作环境温度范围
Ta
-40 ~ 105
℃
存储环境温度范围
Tstg
-55 ~ 150
℃
引脚温度最大值(
< 20 s 焊接)
Tlead
260
℃
YT220XGS8 结到环境热阻最大值
θthja_220XS8
145
℃
/W
YT220XGD8 结到环境热阻最大值
θthja_220XD8
80
℃
/W
注
3:“极限参数”是指工作点超出该参数,芯片有可能永久性损坏;工作点长时间近似等于该参数,芯片可靠性有可能降低。
注
4:带电元件和电路板会在不易被觉察的情况下放电。尽管本产品具有专用静电保护电路,但是在高能静电放电情况下,芯片仍有可能会受到损伤而
导致性能退化或功能丧失。因此,用户仍然有必要采取适当的
ESD预防措施。



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com