Electronic Components Datasheet Search
  English  ▼

X  

2201313 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2201313
Description  BC 71,6 PLATE KMGY - Insertion plate
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2201313 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2201313 Datasheet HTML 1Page - PHOENIX CONTACT 2201313 Datasheet HTML 2Page - PHOENIX CONTACT 2201313 Datasheet HTML 3Page - PHOENIX CONTACT 2201313 Datasheet HTML 4Page - PHOENIX CONTACT 2201313 Datasheet HTML 5Page - PHOENIX CONTACT 2201313 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
DIN rail housing for use in distribution boards in accordance with DIN 43880, Insertion plate,
width: 68.3 mm, height: 41.75 mm, depth: 1.5 mm, color: light gray (similar RAL 7035)
Your advantages
Coordinated housing and connection system for faster device development
•
Individual online configuration for diverse applications in building automation
•
Variety of connection technology
•
Can be mounted on the DIN rail or the wall
•
With DIN-rail-mountable bus connector and power connector system as an option
•
Tool-free mounting
•
Available in overall widths from 1 ... 9 width units (17.8 mm ... 161.6 mm)
•
Compliant with DIN EN 43880
•
Commercial data
Item number
2201313
Packing unit
50 pc
Minimum order quantity
100 pc
Note
Made to order (non-returnable)
Product key
ACHBAZ
GTIN
4046356763035
Weight per piece (including packing)
5.417 g
Weight per piece (excluding packing)
5.417 g
Country of origin
DE
BC 71,6 PLATE KMGY - Insertion plate
2201313
https://www.phoenixcontact.com/us/products/2201313
Feb 13, 2025, 12:23 AM
Page 1 (6)


Similar Part No. - 2201313

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
22013107 MOLEX-22013107 Datasheet
307Kb / 1P
KK 2.54 SR R-R 10CKT 150MM DISC Sn
2021/01/11
22013107 MOLEX-22013107 Datasheet
306Kb / 1P
KK 2.54 SR R-S 10CKT 150MM DISC Sn
2021/01/11
logo
PHOENIX CONTACT
2201316 PHOENIX-2201316 Datasheet
1Mb / 8P
ME MAX 17,5 3-3 KMGY VPE1 - Electronics housing
2201317 PHOENIX-2201317 Datasheet
1Mb / 8P
ME MAX 17,5 SF G 2-2 KMGY VPE1 - Electronics housing
More results

Similar Description - 2201313

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2901123 PHOENIX-2901123 Datasheet
52Kb / 2P
Housing - ME MAX 45 PLATE KMGY
11/05/2018
logo
Festo Corporation.
5395254 FESTO-5395254 Datasheet
46Kb / 1P
Blind plate
7/21/22
18880 FESTO-18880 Datasheet
65Kb / 1P
End plate
7/31/22
533372 FESTO-533372 Datasheet
75Kb / 1P
End plate
7/31/22
560956 FESTO-560956 Datasheet
58Kb / 1P
Plate
8/1/2
560957 FESTO-560957 Datasheet
74Kb / 1P
Plate
8/2/22
560955 FESTO-560955 Datasheet
67Kb / 1P
Plate
8/4/22
560959 FESTO-560959 Datasheet
75Kb / 1P
Plate
8/4/22
logo
PHOENIX CONTACT
1340864 PHOENIX-1340864 Datasheet
513Kb / 12P
Upper part of housing - BC 71,6 OT 2P2K00C KMGY
Nov 3, 2022
1335811 PHOENIX-1335811 Datasheet
184Kb / 4P
Housing cover with touch display - BC 71,6 DKL RD2,4 TCG KMGY
Nov 16, 2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com