Electronic Components Datasheet Search
  English  ▼

X  

2201313 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2201313
Description  BC 71,6 PLATE KMGY - Insertion plate
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2201313 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2201313 Datasheet HTML 1Page - PHOENIX CONTACT 2201313 Datasheet HTML 2Page - PHOENIX CONTACT 2201313 Datasheet HTML 3Page - PHOENIX CONTACT 2201313 Datasheet HTML 4Page - PHOENIX CONTACT 2201313 Datasheet HTML 5Page - PHOENIX CONTACT 2201313 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Technical data
Product properties
Product type
Cover
Housing type
DIN rail housing for use in distribution boards in accordance with
DIN 43880
Housing series
BC
Product family
BC 71,6..
Type
Insertion plate
Ventilation openings present
no
Dimensions
Width
68.3 mm
Height
41.75 mm
Depth
1.5 mm
Material specifications
Color (Insertion plate)
light gray (RAL 7035)
Flammability rating according to UL 94
V0
Housing material
PC
Surface characteristics
untreated
Environmental and real-life conditions
Vibration test
Specification
IEC 60068-2-6:2007-12
Frequency
10 - 150 - 10 Hz
Sweep speed
1 octave/min
Amplitude
0.15 mm (10 Hz ... 58.1 Hz)
Acceleration
2g (58.1 Hz ... 150 Hz)
Test duration per axis
2.5 h
Test directions
X-, Y- and Z-axis
Glow-wire test
Specification
IEC 60695-2-11:2014-02
Temperature
850 °C
Time of exposure
30 s
Mechanical strength / tumbling barrel
Specification
IEC 60068-2-31:2008-05
Height of fall
50 cm
Frequency
50
Shocks
Specification
IEC 60068-2-27:2008-02
Pulse shape
Half-sine
BC 71,6 PLATE KMGY - Insertion plate
2201313
https://www.phoenixcontact.com/us/products/2201313
Feb 13, 2025, 12:23 AM
Page 2 (6)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com