Electronic Components Datasheet Search
  English  ▼

X  

2201486 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2201486
Description  EH 67,5-B/ABS BK9005 - Mounting base housing
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2201486 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2201486 Datasheet HTML 1Page - PHOENIX CONTACT 2201486 Datasheet HTML 2Page - PHOENIX CONTACT 2201486 Datasheet HTML 3Page - PHOENIX CONTACT 2201486 Datasheet HTML 4Page - PHOENIX CONTACT 2201486 Datasheet HTML 5Page - PHOENIX CONTACT 2201486 Datasheet HTML 6Page - PHOENIX CONTACT 2201486 Datasheet HTML 7Page - PHOENIX CONTACT 2201486 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
DIN rail housing, Lower housing part with base latch, tall design, with vents, width: 67.6 mm,
height: 75 mm, depth: 87.3 mm, color: black (similar RAL 9005), cross connection: without bus
connector, number of positions cross connector: not relevant
Your advantages
DIN rail or panel mounting for application-specific device attachment
•
Easy design-in, thanks to variable housing form factor
•
Complete flexibility, thanks to PCBs with horizontal, frontal, and orthogonal orientation to the front of the device
•
Three cover versions for individual PCB connections
•
Integration of a wide variety of PCB connection technologies for a functional device design
•
Commercial data
Item number
2201486
Packing unit
10 pc
Minimum order quantity
10 pc
Sales key
AC12
Product key
ACHCHA
GTIN
4046356809344
Weight per piece (including packing)
68.08 g
Weight per piece (excluding packing)
68.08 g
Customs tariff number
84879090
Country of origin
IN
EH 67,5-B/ABS BK9005 - Mounting base housing
2201486
https://www.phoenixcontact.com/us/products/2201486
Feb 13, 2025, 12:35 AM
Page 1 (8)


Similar Part No. - 2201486

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
2201481-1 TEC-2201481-1 Datasheet
658Kb / 8P
METAL-SHELL MICRO CIRCULAR CONNECTORS
2201481-2 TEC-2201481-2 Datasheet
658Kb / 8P
METAL-SHELL MICRO CIRCULAR CONNECTORS
2201482-1 TEC-2201482-1 Datasheet
658Kb / 8P
METAL-SHELL MICRO CIRCULAR CONNECTORS
2201482-2 TEC-2201482-2 Datasheet
658Kb / 8P
METAL-SHELL MICRO CIRCULAR CONNECTORS
logo
PHOENIX CONTACT
2201483 PHOENIX-2201483 Datasheet
316Kb / 8P
EH 45-B/ABS GY7035 - Mounting base housing
More results

Similar Description - 2201486

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2201960 PHOENIX-2201960 Datasheet
67Kb / 3P
Mounting base housing - ME-IO 18,8 B/FE 9/9U TBUS 7035
2201961 PHOENIX-2201961 Datasheet
66Kb / 3P
Mounting base housing - ME-IO 18,8 B/FE 7/9U TBUS 7035
2201962 PHOENIX-2201962 Datasheet
66Kb / 3P
Mounting base housing - ME-IO 18,8 B/FE 5/9U TBUS 7035
2203876 PHOENIX-2203876 Datasheet
68Kb / 5P
Mounting base housing - ICS25-B77X75-O-7035
2203884 PHOENIX-2203884 Datasheet
69Kb / 5P
Mounting base housing - ICS25-B100X120-V-7035
2203885 PHOENIX-2203885 Datasheet
69Kb / 5P
Mounting base housing - ICS25-B122X98-V-7035
2201448 PHOENIX-2201448 Datasheet
89Kb / 5P
Upper part of housing - EH 45 F-C SS/ABS BK9005
09/12/2020
2201664 PHOENIX-2201664 Datasheet
52Kb / 2P
Housing cover - BC 161,6 DKL R BK9005
11/05/2018
2201742 PHOENIX-2201742 Datasheet
107Kb / 7P
Mounting base housing - EH 70-B/ABS GY7035
09/12/2020
2200544 PHOENIX-2200544 Datasheet
222Kb / 11P
Mounting base housing - ME 67,5 UT TBUS KMGY
11/25/2021
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com