Electronic Components Datasheet Search
  English  ▼

X  

2201486 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2201486
Description  EH 67,5-B/ABS BK9005 - Mounting base housing
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2201486 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2201486 Datasheet HTML 1Page - PHOENIX CONTACT 2201486 Datasheet HTML 2Page - PHOENIX CONTACT 2201486 Datasheet HTML 3Page - PHOENIX CONTACT 2201486 Datasheet HTML 4Page - PHOENIX CONTACT 2201486 Datasheet HTML 5Page - PHOENIX CONTACT 2201486 Datasheet HTML 6Page - PHOENIX CONTACT 2201486 Datasheet HTML 7Page - PHOENIX CONTACT 2201486 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Technical data
Notes
Assembly note
Please observe the application note in the download area.
Product properties
Product type
Enclosure bottom part
Housing type
DIN rail housing
Housing series
EH
Product family
EH..ABS..
Type
Lower housing parts with vents, housing cover necessary to
complete the module
Max. number of positions
0)
Type
Lower housing part with base latch, tall design
Ventilation openings present
yes
Dimensions
Dimensional drawing
Width
67.6 mm
Height
75 mm
Depth
87.3 mm
Depth from top edge of DIN rail to support point on upper part
83 mm
PCB design
PCB thickness
1.4 mm ... 1.8 mm
Material specifications
Color (Housing)
black (RAL 9005)
Flammability rating according to UL 94
HB
Housing material
ABS
Surface characteristics
untreated
Environmental and real-life conditions
Vibration test
Specification
IEC 60068-2-6:2007-12
Frequency
10 - 150 - 10 Hz
Sweep speed
1 octave/min
EH 67,5-B/ABS BK9005 - Mounting base housing
2201486
https://www.phoenixcontact.com/us/products/2201486
Feb 13, 2025, 12:35 AM
Page 2 (8)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com