Electronic Components Datasheet Search
  English  ▼

X  

RT9907 Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT9907
Description  3 Channel DC/DC Converters IC with High-Efficiency Step-Up and Step-Down
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9907 Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT9907 Datasheet HTML 3Page - Richtek Technology Corporation RT9907 Datasheet HTML 4Page - Richtek Technology Corporation RT9907 Datasheet HTML 5Page - Richtek Technology Corporation RT9907 Datasheet HTML 6Page - Richtek Technology Corporation RT9907 Datasheet HTML 7Page - Richtek Technology Corporation RT9907 Datasheet HTML 8Page - Richtek Technology Corporation RT9907 Datasheet HTML 9Page - Richtek Technology Corporation RT9907 Datasheet HTML 10Page - Richtek Technology Corporation RT9907 Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
RT9907
Preliminary
7
DS9907-07 August 2007
www.richtek.com
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
Oscillator
Operation Frequency Range
FOSC
RT Open
475
550
625
kHz
CH1 Maximum Duty Cycle
DMAX1
--
85
90
%
CH2 Maximum Duty Cycle
DMAX2
--
--
100
%
CH3 Maximum Duty Cycle
DMAX3
--
--
100
%
Feedback Voltage (CH1, CH2, CH3)
Feedback Voltage
VFB
CH1, CH2, CH3
0.788
0.8
0.812
V
Feedback Voltage
︱Δ
VFB︱
CH1, CH2, CH3
3.0V < VDDM < 5.5V
--
--
12
mV
Error Amplifier
GM
--
0.2
--
ms
Compensation Source Current
--
22
--
μA
Compensation Sink Current
--
22
--
μA
Power Switch
CH1 On Resistance of MOSFET
RDS(ON)
N-MOSFET
--
300
400
mΩ
CH1 Current Limitation
VVDD1 = 3.3V
2
2.6
3
A
N-MOSFET, VVDD2 = 3.3V
--
350
450
mΩ
CH2 On Resistance of MOSFET
RDS(ON)
P-MOSFET, VVDD2 = 3.3V
--
350
450
mΩ
CH2 Current Limitation
VVDD2 = 3.3V
1.3
1.5
1.9
A
N-MOSFET, VVDD3 = 3.3V
--
350
450
mΩ
CH3 On Resistance of MOSFET
RDS(ON)
P-MOSFET, VVDD3 = 3.3V
--
350
450
mΩ
CH3 Current Limitation
VVDD3 = 3.3V
1.3
1.5
1.9
A
UVP (CH2, CH3) & Over Voltage Protection (CH2)
UVP Threshold Voltage @FB2, FB3
0.3
0.4
0.5
V
Over Voltage Protection @FB2
0.95
1
--
V
Control
ENM, EN1, EN2, EN3 Input High
Level Threshold
VVDDM = 3.3V
--
0.8
1.3
V
ENM, EN1, EN2, EN3 Input Low
Level Threshold
VVDDM = 3.3V
0.4
0.8
--
V
Thermal Protection
Thermal Shutdown
TSD
140
180
--
°C
Thermal Shutdown Hysteresis
Δ
TSD
--
10
--
°C
Note 1.
Stresses listed as the above "Absolute Maximum Ratings" may cause permanent damage to the device. These are for
stress ratings. Functional operation of the device at these or any other conditions beyond those indicated in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended
periods may remain possibility to affect device reliability.
Note 2.
Devices are ESD sensitive. Handling precaution recommended.
Note 3.
θJA is measured in the natural convection at TA = 25°C on a low effective thermal conductivity test board of
JEDEC 51-3 thermal measurement standard.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com