Electronic Components Datasheet Search
  English  ▼

X  

RT9907 Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9907
Description  3 Channel DC/DC Converters IC with High-Efficiency Step-Up and Step-Down
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9907 Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9907 Datasheet HTML 1Page - Richtek Technology Corporation RT9907 Datasheet HTML 2Page - Richtek Technology Corporation RT9907 Datasheet HTML 3Page - Richtek Technology Corporation RT9907 Datasheet HTML 4Page - Richtek Technology Corporation RT9907 Datasheet HTML 5Page - Richtek Technology Corporation RT9907 Datasheet HTML 6Page - Richtek Technology Corporation RT9907 Datasheet HTML 7Page - Richtek Technology Corporation RT9907 Datasheet HTML 8Page - Richtek Technology Corporation RT9907 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
RT9907
Preliminary
3
DS9907-07 August 2007
www.richtek.com
Figure 2. Typical Application Circuit for 2-AA Battery Supply
2-AA Battery 1.8V to 3.2V
VDD3
ENM
FB3
EN1
LX3
COMP1
SS
EN3
EN2
COMP2
COMP3
LX2
VDD2
FB1
VDD1
LX1
FB2
20k
10k
4.7nF
1nF
1nF
4.7
μH
2.5V/300mA
2
3
24
1
22
5
64
16
15
20
19
21
17
18
14
10
9
12
13
8
RT9907
11
470k
470k
100pF
220k
10
μF x 4
I/O 3.3V/500mA
30k
1nF
100pF
200k
220k
4.7μH
1.5V/300mA
VBAT
3.3V
10
μF x 4
10
μF x 4
10
μF x 2
10
μF x 2
SS0520
150k
Chip Enable
10
μF x 2
VBAT
4.7
μH
1
μF
7, 23,
Exposed Pad (25)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com