Electronic Components Datasheet Search
  English  ▼

X  

ADP968 Datasheet(PDF) 3 Page - DFI Inc

Part # ADP968
Description  12th Gen Intel® Processor COM Express® Compact
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

ADP968 Datasheet(HTML) 3 Page - DFI Inc

  ADP968 Datasheet HTML 1Page - DFI Inc ADP968 Datasheet HTML 2Page - DFI Inc ADP968 Datasheet HTML 3Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.dfi.com
SPECIFICATION
SYSTEM
Processor
Intel® Core™ i7-1270PE (4 P-Cores x 1.8 GHz, 8 E-Cores x 1.2 GHz, 18 MB cache, 28W)
Intel® Core™ i5-1250PE (4 P-Cores x 1.7 GHz, 8 E-Cores x 1.2 GHz, 12 MB cache, 28W)
Intel® Core™ i3-1220PE (4 P-Cores x 1.5 GHz, 4 E-Cores x 1.1 GHz, 12 MB cache, 28W)
Intel® Core™ i7-1265UE (2 P-Cores x 1.7 GHz, 8 E-Cores x 1.8 GHz, 12 MB cache, 15W)
Intel® Core™ i5-1245UE (2 P-Cores x 1.5 GHz, 8 E-Cores x 1.1 GHz, 12 MB cache, 15W)
Intel® Core™ i3-1215UE (2 P-Cores x 1.2 GHz, 4 E-Cores x 0.9 GHz, 10 MB cache, 15W)
Intel® Celeron® 7305E (1 P-Core x 1.0 GHz, 4 E-Cores x 0.9 GHz, 8 MB cache, 15W)
Memory
Two 260-Pin SO-DIMM up to 64GB, Dual Channel DDR4 3200MHz
BIOS
AMI BIOS
GRAPHICS
Controller
Intel® Iris® Xe graphics
Feature
OpenGL 5.0, DirectX 12, OpenCL 2.1
HW Decode: WMV9, AVC/H264, JPEG/MJPEG, HEVC/H265, VP9, AV1 HW Encode: AVC/H264,
JPEG, HEVC/H265, VP9
Display
1 x VGA
1 x LVDS/eDP (eDP available upon request)
3 x DDI
VGA: resolution up to 1920x1200 @ 60Hz
LVDS: dual channel 24-bit, resolution up to
1920x1200 @ 60Hz
eDP: resolution up to 4096x2304 @ 60Hz
HDMI: resolution up to 4096x2160 @ 30Hz
DP++: resolution up to 4096x2304 @ 60Hz
Triple Displays
VGA + LVDS + DDI
DDI + eDP + DDI (available upon request)
EXPANSION
Interface
2 x PCIe x4 (Gen4 PCH)
5 x PCIex1 (Gen3) (8 x PCIex1 available upon request)
1 x I2C
1 x SMBus
1 x SPI
2 x UART (TX/RX)
AUDIO
Interface
HD Audio
ETHERNET
Controller
1 x Intel® I225 series (10/100/1000Mbps/2.5G), co-lay PCIe x1 (available upon request)
I/O
USB
4 x USB 3.2 Gen.2
8 x USB 2.0
SATA
2 x SATA 3.0 (up to 6Gb/s), co-lay PCIe x1 (available upon request)
NVMe SSD
1 x 64GB/128GB/256GB/512GB/1024GB on board SSD (available upon request)
DIO
1 x 8-bit DIO
WATCHDOG TIMER
Output & Interval
System Reset, Programmable via Software from 1 to 255 Seconds
SECURITY
TPM
Available Upon Request
POWER
Type
8.5~20V, 5VSB, VCC_RTC (ATX mode)
8.5~20V, VCC_RTC (AT mode)
Consumption
Boot up: Celeron 7305E: 12V @ 1.73A (20.76W);
Idle: Celeron 7305E: 12V @ 1.42A (17.04W);
Max.: Celeron 7305E: 12V @ 2.25A (27W)
OS SUPPORT
Microsoft
Windows 10 IoT Enterprise 64-bit
Linux
Linux
ENVIRONMENT
Temperature
Operating: 0 to 60°C, -40 to 85°C
Storage: -40 to 85°C
Humidity
Operating: 10 to 90% RH
Storage: 10 to 90% RH
MTBF
285,252 hrs @ 25°C; 147,603 hrs @ 45°C; 83,116 hrs @ 60°C;
56,825 hrs @ 70°C; 41,232 hrs @ 85°C
MECHANICAL
Dimensions
COM Express® Compact
95mm (3.74") x 95mm (3.74")
Compliance
PICMG COM Express® R3.1, Type 6
STANDARDS AND
CERTIFICATIONS
Certification
CE, FCC, RoHS
OPTIONAL ITEMS
ORDERING INFORMATION
Model Name
P/N
Processor
Memory
LVDS/
eDP
LAN/
PCIe
SATA/
PCIe
USB3.2
Gen2
USB
2.0 TPM Storage
Power Thermal Temp.
ADP968-TC06-1265UE 770-ADP9681-000G I7- 1265UE
2 SODIMM LVDS LAN SATA 4
8
N/A 64GB
NVMe SSD ATX/AT Cooler
-40 to 85°C
ADP968-TC00-1245UE 770-ADP9681-100G I5- 1245UE
2 SODIMM LVDS LAN SATA 4
8
N/A N/A
ATX/AT Cooler
-40 to 85°C
ADP968-TC00-1215UE 770-ADP9681-200G I3- 1215UE
2 SODIMM LVDS LAN SATA 4
8
N/A N/A
ATX/AT Cooler
-40 to 85°C
ADP968-BC00-7305E 770-ADP9681-300G Celeron 7305E 2 SODIMM eDP
LAN SATA 4
8
N/A N/A
ATX/AT Heatsink 0 to 60°C
Remark: The SKU availability is subject to change without notice in advance.
Heat Spreader
A71-808343-000G
COM335 Carrier Board Kit
770-CM3351-000G
DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your
sales representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © July 29, 2023 DFI Inc.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com