Electronic Components Datasheet Search
  English  ▼

X  

ADP968 Datasheet(PDF) 1 Page - DFI Inc

Part # ADP968
Description  12th Gen Intel® Processor COM Express® Compact
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

ADP968 Datasheet(HTML) 1 Page - DFI Inc

  ADP968 Datasheet HTML 1Page - DFI Inc ADP968 Datasheet HTML 2Page - DFI Inc ADP968 Datasheet HTML 3Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
KEY FEATURES
DDR4
4K High
Resolution
Multiple
Displays
Multiple
Expansion
RICH I/O
Dual Channel DDR4
3200MHz SODIMM up
to 64GB
Supports 4K / 2K reso-
lution
1 VGA,
1 LVDS/eDP,
3 DDI
2 x PCIe x4 (Gen4 PCH)
5 x PCIex1 (Gen3),
1 x I2C,
1 x SMBus
1 Intel 2.5GbE,
4 USB 3.2,
8 USB 2.0
2 SATA 3.0
12th Gen Intel® Processor
COM Express® Compact
ADP968
Bottom View
Front View
12th Gen Intel® Processor
DDR4_1 SO-DIMM
DDR4_2 SO-DIMM


Similar Part No. - ADP968

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
ADP MORNSUN-ADP Datasheet
196Kb / 2P
ADP Series Special for LCD Power supply
logo
Sennheiser electronic S...
ADP UHF SENNHEISER-ADP UHF Datasheet
569Kb / 10P
Evolution Wireless Digital
V1.7
ADP UHF SENNHEISER-ADP UHF Datasheet
249Kb / 7P
Evolution Wireless Digital
V1.8
ADP UHF SENNHEISER-ADP UHF Datasheet
254Kb / 7P
Evolution Wireless Digital
V1.8
ADP UHF SENNHEISER-ADP UHF Datasheet
250Kb / 7P
Evolution Wireless Digital
V1.8
More results

Similar Description - ADP968

ManufacturerPart #DatasheetDescription
logo
DFI Inc
HU968 DFI-HU968 Datasheet
1Mb / 2P
4th Gen Intel Core COM Express Compact
KU968 DFI-KU968 Datasheet
1Mb / 2P
7th Gen Intel Core Processor COM Express Compact
WL968 DFI-WL968 Datasheet
967Kb / 2P
8th Gen Intel Core Processor COM Express Compact
logo
Advantech Co., Ltd.
AIMB-278 ADVANTECH-AIMB-278 Datasheet
481Kb / 2P
Mini-ITX Motherboard 12th Gen Intel® Core™ Processor LGA1700
17-Aug-2022
AIMB-288E ADVANTECH-AIMB-288E Datasheet
3Mb / 6P
THIN AI Motherboard 12th Gen Intel® Core™ Processor LGA1700, NVIDIA® Quadro® Embedded T1000
17-Aug-2022
SOM-5993 ADVANTECH-SOM-5993 Datasheet
473Kb / 2P
Intel® Xeon® D Processor (Code Name: Ice Lake-D LCC) COM Express® Basic Type7
28-Jul-2022
SOM-6883 ADVANTECH-SOM-6883 Datasheet
4Mb / 6P
11th Gen. Intel® Core™ Processor U-Series (Code Name: Tiger Lake-UP3) COM Express® Compact Type6
29-Jul-2022
logo
AAEON Technology
COM-WHUC6 AAEON-COM-WHUC6 Datasheet
505Kb / 2P
COM Express Compact Type 6 with 8th Gen Intel® Core™ ULT SoC
2022/09/01
NANOCOM-EHL AAEON-NANOCOM-EHL Datasheet
587Kb / 2P
COM Express Type 10 CPU Module with Onboard Intel Atom®/Celeron®/Pentium®Processor
2023/03/22
logo
BCM Advanced Research.
ESM-APLM BCM-ESM-APLM Datasheet
603Kb / 1P
Intel® Celeron®/ Pentium® SoC Processor COM Express Mini Size Type 10 Module
2021/07/21
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com