Electronic Components Datasheet Search
  English  ▼

X  

ADS630 Datasheet(PDF) 2 Page - DFI Inc

Part # ADS630
Description  14th/13th/12th Gen Intel® CoreTM ATX
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

ADS630 Datasheet(HTML) 2 Page - DFI Inc

  ADS630 Datasheet HTML 1Page - DFI Inc ADS630 Datasheet HTML 2Page - DFI Inc ADS630 Datasheet HTML 3Page - DFI Inc ADS630 Datasheet HTML 4Page - DFI Inc ADS630 Datasheet HTML 5Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.dfi.com
MECHANICAL DRAWING
BLOCK DIAGRAM
R680E/
Q670E
Channel A
SATAIII
DDI
DDR4 3200 MHz Support
SATA 4x
VGA
DMI 4.0
LGA 1700
2.5G LAN 1
USB 3.2 Gen2 2x
I225LM
USB 2.0
USB 2.0 1x
Vertical Type A
Channel A
DDR4 3200 MHz Support
Channel B
DDR4 3200 MHz Support
Channel B
DDR4 3200 MHz Support
PTN3355
DDI
DP++
HDMI 2.0
PCIe x4
M.2 M Key
PCIe x4
USB 2.0
USB 3.2
GbE
2.5G LAN 2
USB 3.2 Gen2 2x
USB 2.0
USB 3.2
USB 3.2
USB 3.2 Gen1 4x
PCIe 16x
PCIe x16 Slot
PCIe
IT8893
PCI
PCI 2x
DDI
PI3HDX1204
PCIe x4 3x
DDI
DP++
USB 2.0
Intel
x550-AT2
(R680E only)
10G LAN 1
MDI
PCIe
MDI
10G LAN 1
HDA
S/PDIF
Front Audio
Audio Jack
(Line-out/Mic-in/Line-in (opt.))
Realtek
ALC888
RS232/422/485 2x
RS232 4x
Super IO
with WDT
Fan Control
Case Open
H/W Monitor
PS/2 KB/MS
eSPI
PCIe 4x
M.2 M key (opt.)
Co-lay PCIe x4 slot
USB 3.2
USB 3.2 Gen2 2x
(Key B 20-pin)
USB 2.0
PCIe/CNVi
M.2 E Key (opt.)
USB 2.0
SMBus
TCA6408A
SMBus
8 Bit DIO
SPI
SPI BIOS
TPM 2.0
NPCT754
eSPI
80 port Header
304.80
USB 2.0
USB 2.0 2x
colay vertical Type A
MDI
I225LM
GbE
MDI



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com