Electronic Components Datasheet Search
  English  ▼

X  

ADS630 Datasheet(PDF) 4 Page - DFI Inc

Part # ADS630
Description  14th/13th/12th Gen Intel® CoreTM ATX
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

ADS630 Datasheet(HTML) 4 Page - DFI Inc

  ADS630 Datasheet HTML 1Page - DFI Inc ADS630 Datasheet HTML 2Page - DFI Inc ADS630 Datasheet HTML 3Page - DFI Inc ADS630 Datasheet HTML 4Page - DFI Inc ADS630 Datasheet HTML 5Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.dfi.com
SPECIFICATION
Model Name
ADS630-R680E
ADS630-Q670E
ETHERNET
Controller
1 x Intel® I226-LM PCIe
(10M/100M/1000Mbps/2.5G)
(only Xeon, Core i9/i7/i5 support iAMT)
1 x Intel® I226-V PCIe
(10M/100M/1000Mbps/2.5G)
2 x Intel® x550-AT2
(10 GBASE-T/1 GbE/100 Mbps)
(no support WOL)
1 x Intel® I226-LM PCIe
(10M/100M/1000Mbps/2.5G)
(only Xeon, Core i9/i7/i5 support iAMT)
1 x Intel® I226-V PCIe
(10M/100M/1000Mbps/2.5G)
REAR I/O
Ethernet
2 x 2.5GbE
2 x 10GbE
2 x 2.5GbE
USB
4 x USB 3.2 Gen2
4 x USB 3.2 Gen1
4 x USB 3.2 Gen2
4 x USB 3.2 Gen1
Display
1 x VGA
2 x DP++
1 x HDMI 2.0a
1 x VGA
2 x DP++
1 x HDMI 2.0a
Audio
1 x Line-out
1 x Mic-in
1 x Line-in (opt. by request, MOQ required)
1 x Line-out
1 x Mic-in
1 x Line-in (opt. by request, MOQ required)
INTERNAL I/O
Serial
2 x RS-232/422/485 (RS-232 w/ power)
(2.54mm pitch)
4 x RS-232 (2.54mm pitch)
2 x RS-232/422/485 (RS-232 w/ power)
(2.54mm pitch)
4 x RS-232 (2.54mm pitch)
USB
2 x USB 3.2 Gen2 Key B box header
2 x USB 2.0 (2.54mm pitch,
Colay vertical Type A, opt.: MOQ required)
1 x USB 2.0 Vertical Type A
2 x USB 3.2 Gen1 Key B box header
2 x USB 2.0 (2.54mm pitch,
Colay vertical Type A, opt.: MOQ required)
1 x USB 2.0 Vertical Type A
Audio
1 x Front Audio Header
1 x S/PDIF
1 x Front Audio Header
1 x S/PDIF
SATA
4 x SATA 3.0 (up to 6Gb/s)
RAID 0/1/5/10
4 x SATA 3.0 (up to 6Gb/s)
RAID 0/1/5/10
PS/2
1 x PS/2 (2.54mm pitch)
1 x PS/2 (2.54mm pitch)
DIO
1 x 8-bit DIO
1 x 8-bit DIO
SMBus
1 x SMBus
1 x SMBus
WATCHDOG TIMER
Output & Interval System Reset, Programmable via Software from
1 to 255 Seconds
System Reset, Programmable via Software from
1 to 255 Seconds
SECURITY
TPM
Nuvoton TPM2.0
Nuvoton TPM2.0
POWER
Type
ATX
ATX
Connector
8-pin ATX 12V power
24-pin ATX power
8-pin ATX 12V power
24-pin ATX power
Consumption
Typical: i9-13900K: 3.3V @ 0.39A (1.29W);
5V @ 2.25A (11.25W); 12V @ 1.61A (19.32W)
Max.: i9-13900K: 3.3V @ 1.31A (4.32W);
5V @ 4.46A (22.3W); 12V @ 28.55A (342.6W)
Typical: i9-13900K: 3.3V @ 0.39A (1.29W);
5V @ 2.25A (11.25W); 12V @ 1.61A (19.32W)
Max.: i9-13900K: 3.3V @ 1.31A (4.32W);
5V @ 4.46A (22.3W); 12V @ 28.55A (342.6W)
RTC Battery
CR2032 Coin Cell
CR2032 Coin Cell
OS SUPPORT
Microsoft
Windows 10 IoT Enterprise 64-bit
Windows 11 LTSC
Windows 10 IoT Enterprise 64-bit
Windows 11 LTSC
Linux
Linux
Linux
ENVIRONMENT
Temperature
Operating: -5°C ~ 65°C
Storage: -30°C ~ 60°C with RTC Battery;
-40°C ~ 85°C without RTC Battery
Operating: -5°C ~ 65°C
Storage: -30°C ~ 60°C with RTC Battery;
-40°C ~ 85°C without RTC Battery
Humidity
Operating: 5% ~ 95% RH
Storage: 5% ~ 95% RH
Operating: 5% ~ 95% RH
Storage: 5% ~ 95% RH
MTBF
469,341 hrs @ 25°C; 259,388 hrs @ 45°C;
160,192 hrs @ 60°C; 115,630 hrs @ 70°C
Calculation Model: Telcordia Issue 4
Environment:
GB, GC - Ground Benign, Controlled
469,341 hrs @ 25°C; 259,388 hrs @ 45°C;
160,192 hrs @ 60°C; 115,630 hrs @ 70°C
Calculation Model: Telcordia Issue 4
Environment:
GB, GC - Ground Benign, Controlled
MECHANISM
Dimensions
ATX Form Factor
305mm (12") x 244mm (9.6")
ATX Form Factor
305mm (12") x 244mm (9.6")
Height
PCB: 1.6mm
Top Side: 33.3mm
Bottom Side: 4mm
PCB: 1.6mm
Top Side: 33.3mm
Bottom Side: 4mm
CERTIFICATIONS
Certifications
CE, FCC Class B, UKCA, RoHS, UL
CE, FCC Class B, UKCA, RoHS, UL



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com