Electronic Components Datasheet Search
  English  ▼

X  

AL551 Datasheet(PDF) 2 Page - DFI Inc

Part # AL551
Description  Intel Atom® Processor E3900 Series 3.5"
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

AL551 Datasheet(HTML) 2 Page - DFI Inc

  AL551 Datasheet HTML 1Page - DFI Inc AL551 Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Packing List
Optional Items
www.dfi.com DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your sales
representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © February 19, 2024 DFI Inc.
AL551
SYSTEM
Processor
Intel Atom® Processor E3900 Family, BGA 1296
Intel Atom® x7-E3950 Processor, Quad Core, 2M Cache, 1.6GHz (2.0GHz), 12W
Intel Atom® x5-E3940 Processor, Quad Core, 2M Cache, 1.6GHz (1.8GHz), 9.5W
Intel Atom® x5-E3930 Processor, Dual Core, 2M Cache, 1.3GHz (1.8GHz), 6.5W
Intel Pentium® Processor N4200, Quad Core, 2M Cache, 1.1GHz (2.5GHz), 6W
Intel® Celeron® Processor N3350, Dual Core, 2M Cache, 1.1GHz (2.4GHz), 6W
Memory
One 204-pin SODIMM up to 8GB
Single Channel DDR3L 1866MHz
BIOS
Insyde SPI 128Mbit (supports UEFI boot only)
GRAPHICS
Controller
Intel® HD Graphics
Feature
OpenGL 4.2, Direct X 11.1, OpenCL 1.2, OGL ES 3.0
HW Decode: H.264, MPEG2, VC1, VP8, H.265, MPEG4
HW Encode: H.264, MPEG2, MPEG4
Display
1 x VGA
1 x LVDS
1 x DP++
VGA: resolution up to 2048x1536 @ 50Hz
LVDS: dual channel 48-bit, resolution up to 1920x1200 @ 60Hz
DP++: resolution up to 4096x2160 @ 60Hz
Triple Displays
VGA + LVDS + DP++
EXPANSION
Interface
1 x Full-size mini-PCIe (USB/PCIe)
1 x Extension I/O connector (available upon request)
1 x M.2 B key 2242 (PCIe/USB 2.0/SATA 3.0)
AUDIO
Audio Codec
Realtek ALC262
ETHERNET
Controller
2 x Intel® I210AT PCIe (10/100/1000Mbps)
2 x Intel® I210IT PCIe (10/100/1000Mbps) (available upon request)
REAR I/O
Ethernet
2 x GbE (RJ-45)
USB
2 x USB 3.1 Gen1
2 x USB 2.0
1 x USB3.1 Gen1 Type C OTG (Linux only, available upon request)
Display
1 x VGA
1 x DP++
1 x LVDS
INTERNAL I/O
Serial
2 x RS-232/422/485 (2.0mm pitch)
USB
2 x USB 2.0 (2.0mm pitch)
Display
1 x LVDS LCD Panel Connector
1 x LCD/Inverter Power
Audio
1 x Audio (Line-out/Mic-in)
Audio Speaker Out, Support 2 x 3W Speaker
SATA
1 x SATA 3.0 (up to 6Gb/s)
1 x SATA Power
DIO
1 x 8-bit DIO
SMBus
1 x SMBus
WATCHDOG TIMER
Output & Interval
System Reset, Programmable via Software from 1 to 255 Seconds
SECURITY
TPM 2.0
fTPM2.0 (default)
dTPM2.0 (opt.)
POWER
Type
Single 12V +/-10% DC
Connector
Right Angle Connector (4-pin)
DC-in Jack (available upon request)
Vertical Type Connector (4-pin) (available upon request)
Consumption
Typical: E3950:12V @ 0.6A (7.2Watt)
Max.: E3950:12V @ 2A (24Watt)
RTC Battery
Lithium 3V (210mAH)
OS SUPPORT (UEFI Only)
Windows 10 IoT Enterprise (64-bit), Linux
ENVIRONMENT
Temperature
Operating: 0 to 60°C (Option: -20 to 70°C / -40 to 85 °C)
Storage: -40 to 85°C
Humidity
Operating: 10 to 90% RH
Storage: 10 to 90% RH
MTBF
467,547 hrs @ 25°C; 277,970 hrs @ 45°C ; 179,655 hrs @ 60°C
MECHANICAL
Dimensions
3.5" SBC Form Factor
146mm (5.75") x 102mm (4.02")
Height
PCB: 1.6mm
Top Side: 15.5mm, Bottom Side: 8.0mm
CERTIFICATIONS
CE, FCC Class B, RoHS
• 1 AL551 board
• 1 COM port cable (Length: 300mm, 2 x COM ports) A81-015020-001G
• 1 Serial ATA data cable (Length: 500mm)
332-553001-205G
• 1 Serial ATA power cable (Length: 250mm)
A81-004041-016G
• 1 Heat sink (Height: 25mm)
N series CPU A71-008119-001G
E series CPU A71-010038-000G
• USB port cable (Length: 200mm)
A81-001032-016G
• Power adapter (60W, 12V)
671-106012-000G
• Heat spreader for AL551 E-Serial CPU
A71-808312-001G
• Heat spreader for AL551 N-Serial CPU
A71-808313-000G
• Heat sink for wide temp/E series CPU (Height: 35mm) A71-010038-010G
• Audio cable (Length: 160mm)
A81-022007-016G
• 4 pin to DC jack cable (Length: 100mm)
A81-004051-016G



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com