Electronic Components Datasheet Search
  English  ▼

X  

AL551 Datasheet(PDF) 1 Page - DFI Inc

Part # AL551
Description  Intel Atom® Processor E3900 Series 3.5"
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

AL551 Datasheet(HTML) 1 Page - DFI Inc

  AL551 Datasheet HTML 1Page - DFI Inc AL551 Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
0
13.03
18.98
25
39.14
90.14
102
27.95
Intel Atom® Processor E3900 Series
3.5"
Mechanical Drawing
Block Diagram
Features
Ordering Information
AL551
DC-in
DDR3L
Intel Atom®
Processor
E3900 Series
Super IO
with WDT
Digital I/O 8-bit
DDR3L 1866MHz
SODIMM
Channel A
M.2
PCIe x1
USB 2.0
DDI
LPC Bus
TPM 2.0 (opt.)
PTN3355
DDI
VGA
SMBus
SMBus
SPI
PTN3460
DDI
LVDS
Full-size
mini-PCIe
PCIe x1
USB 2.0
DP++
USB3.0/2.0 2x
USB 3.0
USB 2.0
USB2.0 4x
USB 2.0
GLAN I210AT
GLAN I210AT
PCIe x1
PCIe x1
HD Audio
(Line-out, Mic-in)
RS-232/422/485 2x
GLAN I210IT (opt.)
GLAN I210IT (opt.)
Audio Speaker Out
LPC Bus
SMBus
PCIe 2x
E I/O (opt.)
SATA 3.0
USB Type C
/ OTG (opt.)
SATA 3.0
SATA 3.0
Atom
Model Name
P/N
Processor Memory Display
RS-232/422/485 GbE USB 3.0 USB 2.0 Power Thermal Temp.
AL551-BN-E3950 770-AL5511-200G X7-E3950 1 SODIMM VGA + LVDS + DP++ 2
2
2
4
12VDC Fanless
0 to 60oC
AL551-BN-E3940 770-AL5511-100G X5-E3940 1 SODIMM VGA + LVDS + DP++ 2
2
2
4
12VDC Fanless
0 to 60oC
AL551-BN-E3930 770-AL5511-000G X5-E3930 1 SODIMM VGA + LVDS + DP++ 2
2
2
4
12VDC Fanless
0 to 60oC
AL551-BN-N4200 770-AL5511-500G N4200
1 SODIMM VGA + LVDS + DP++ 2
2
2
4
12VDC Fanless
0 to 60oC
AL551-BN-N3350 770-AL5511-400G N3350
1 SODIMM VGA + LVDS + DP++ 2
2
2
4
12VDC Fanless
0 to 60oC
AL551-EN-E3950 770-AL5511-600G X7-E3950 1 SODIMM VGA + LVDS + DP++ 2
2
2
4
12VDC Fanless
-20 to 70oC
AL551-TN-E3950 770-AL5511-700G X7-E3950 1 SODIMM VGA + LVDS + DP++ 2
2
2
4
12VDC Fanless
-40 to 85oC
• 1 DDR3L SODIMM up to 8GB
• Three independent displays: VGA + LVDS + DP++
• DP++ resolution up to 4096x2160 @ 60Hz
Dual Channel LVDS resolution up to 1920x1200 @ 60Hz
• Wireless communication: mini PCIe
• Rich I/O: 2 Intel GbE, 2 COM, 2 USB 3.0, 4 USB 2.0
DP++
Top View
Bottom View
LVDS LCD
Panel
SATA Power
LAN 1
USB 3.0
LAN 2
VGA
SATA 3.0
Mini PCIe
DP++
LCD/Inverter
Power
DC-in
COM 1-2
DIO
DDR3L
SODIMM
Intel
Atom®
Processor
4K2K
Display
4096x2160
USB 2.0
M.2 2242
B key
USB OTG
(opt.)


Similar Part No. - AL551

ManufacturerPart #DatasheetDescription
logo
Altech corporation
AL55-3 ALTECH-AL55-3 Datasheet
66Kb / 1P
ALUMINUM ENCLOSURE AL 553
logo
DFI Inc
AL553 DFI-AL553 Datasheet
939Kb / 2P
Intel Atom Processor E3900 Series 3.5 SBC
logo
List of Unclassifed Man...
AL55CCW ETC2-AL55CCW Datasheet
722Kb / 6P
Lock Kit for Cla mp Cover Junction Boxes
logo
Pentair Equipment Prote...
AL55CCW HOFFMANPRODUCTS-AL55CCW Datasheet
697Kb / 6P
Locks, Lockouts, Latches, Ha ndles and Clamps
logo
List of Unclassifed Man...
AL55CW ETC2-AL55CW Datasheet
722Kb / 6P
Lock Kit for Cla mp Cover Junction Boxes
More results

Similar Description - AL551

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-7569 ADVANTECH-SOM-7569 Datasheet
832Kb / 2P
Intel Atom E3900 Pentium
logo
DFI Inc
AL05P DFI-AL05P Datasheet
763Kb / 2P
Intel Atom Processor E3900 Series 2.5 Pico-ITX
AL9A3 DFI-AL9A3 Datasheet
1Mb / 2P
Intel Atom Processor E3900 Series COM Express Mini
ALF51 DFI-ALF51 Datasheet
814Kb / 2P
Intel Atom Processor E3900 Series 1.8 SBC
AL253 DFI-AL253 Datasheet
943Kb / 2P
Intel Atom Processor E3900 Series 4 SBC
AL553 DFI-AL553 Datasheet
939Kb / 2P
Intel Atom Processor E3900 Series 3.5 SBC
AL700 DFI-AL700 Datasheet
624Kb / 2P
Intel Atom Processor E3900 Series Qseven
AL701 DFI-AL701 Datasheet
1Mb / 1P
Intel Atom Processor E3900 Series Qseven
AL968 DFI-AL968 Datasheet
931Kb / 2P
Intel Atom Processor E3900 Series COM Express Compact
logo
Adlink Technology Inc.
MXE-210 ADLINK-MXE-210 Datasheet
711Kb / 2P
Intel Atom Processor E3900 Family-Based Embedded platform
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com