Electronic Components Datasheet Search
  English  ▼

X  

EB381D Datasheet(PDF) 3 Page - Motorola, Inc

Part # EB381D
Description  Migrating from the MC68HC811E2 to the MC68HC11F1
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

EB381D Datasheet(HTML) 3 Page - Motorola, Inc

  EB381D Datasheet HTML 1Page - Motorola, Inc EB381D Datasheet HTML 2Page - Motorola, Inc EB381D Datasheet HTML 3Page - Motorola, Inc EB381D Datasheet HTML 4Page - Motorola, Inc EB381D Datasheet HTML 5Page - Motorola, Inc EB381D Datasheet HTML 6Page - Motorola, Inc EB381D Datasheet HTML 7Page - Motorola, Inc EB381D Datasheet HTML 8Page - Motorola, Inc EB381D Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Engineering Bulletin
Migrating to the MC68HC11F1
EB381
MOTOROLA
3
Difference:
Package Options
The MC68HC811E2 is available in 52-pin PLCC (plastic leaded chip
carrier) and 48-pin DIP (dual in-line pack) packages. The MC68HC11F1
is available in 68-pin PLCC and 80-pin LQFP (low-profile quad flat pack)
packages.
Case 1
Example:
52-pin PLCC
Issue:
Only 68-pin PLCC or 80-pin LQFP available
Change required: Re-layout application to allow use of the 68-pin
PLCC or the 80-pin LQFP. See Figure 1 and
Figure 2.
Table 1. Comparison Chart
Device
MC68HC811E2
MC68HC811F1
RAM (Bytes)
256
1 K
EE (Bytes)
2048
512
Timer
16-bit, 3-4 IC, 4-5 OC,
RTI, pulse accumulator
16-bit, 3-4 IC, 4-5 OC,
RTI, pulse accumulator
Input/Output (i/O)
Expanded
22
30
Serial
SCI
SPI
SCI
SPI
Analog-to-Digital (A/D)
8-CH, 8-bit
8-CH, 8-bit
Operating Voltage (V)
5.0
3.0
5.0
Maximum Bus
Frequency (MHz)
2
3
5
Temperature
C, V, M
C, V, M
Package Options
52 PLCC (FN);
48 DIP (P)
68 PLCC (FN);
80 LQFP (FU)
Comments
Secure device available,
MC68SEC811E2;
EEPROM block protect
64-K external address
bus, 4-program chip
select, non-mux
address/data bus, 3-V,
3-MHz version
(MC68L11F1)
Document Order
Number
MC68HC11E/D
MC68HC811F1/D
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com