Electronic Components Datasheet Search
  English  ▼

X  

EB381D Datasheet(PDF) 8 Page - Motorola, Inc

Part # EB381D
Description  Migrating from the MC68HC811E2 to the MC68HC11F1
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

EB381D Datasheet(HTML) 8 Page - Motorola, Inc

Back Button EB381D Datasheet HTML 4Page - Motorola, Inc EB381D Datasheet HTML 5Page - Motorola, Inc EB381D Datasheet HTML 6Page - Motorola, Inc EB381D Datasheet HTML 7Page - Motorola, Inc EB381D Datasheet HTML 8Page - Motorola, Inc EB381D Datasheet HTML 9Page - Motorola, Inc EB381D Datasheet HTML 10Page - Motorola, Inc EB381D Datasheet HTML 11Page - Motorola, Inc EB381D Datasheet HTML 12Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Engineering Bulletin
EB381
8
MOTOROLA
Figure 4. MC68HC11F1 Memory Map
Difference:
EEPROM Block
Protect
Since these two parts differ significantly regarding EEPROM size and
location, the address range and block size that can be protected is
different. See Figure 5, Table 2, and Table 3.
Case 1
Example:
EEPROM block protect
Issue:
EEPROM block protect addresses and sizes are
different.
Change required: The BPRT bits in the BPROT register ($1035)
must be changed to protect the address ranges
and block sizes the user desires.
$0000
$1000
$FE00
$FFFF
EXTERNAL
x000
x3FF
BF00
EXTERNAL
EXTERNAL
FFC0
FFFF
SINGLE
CHIP
EXPANDED BOOTSTRAP
SPECIAL
TEST
EXTERNAL
Notes:
1.
RAM can be remapped to any 4-byte boundary ($x000). “x” represents the value contained in RAM [3:0] in the INIT register.
2.
The register block can be remapped to any 4-byte boundary ($y000). “y” represents the value contained in REG[3:0] in the
INIT register.
3.
Special test mode vectors are externally addressed.
4.
In special test mode the address locations $zD00–$zDFF are not externally addressable. “z” represents the value of bits
EE[3:0] in the CONFIG register.
5.
EEPROM can be remapped to any 4-byte boundary ($z000). “z” represents the value contained in EE[3:0] in the CONFIG
register.
NORMAL MODE
INTERRUPT
VECTORS
EXT
y000
yo5F
zD00
zDFF
zE00
zFFF
BFC0
BFFF
512 BYTES EEPROM(5)
256 BYTES RESERVED(4)
SPECIAL TEST MODE ONLY
SPECIAL MODE(3)
INTERRUPT
VECTORS
1024 BYTES RAM(1)
96-BYTE REGISTER BLOCK(2)
256 BYTES BOOTSTRAP ROM
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com