Electronic Components Datasheet Search
  English  ▼

X  

A2504 Datasheet(PDF) 2 Page - Master Analog Technology CO.

Part # A2504
Description  Quad-Hall Array Multioutput Linear Hall Effect Sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAT [Master Analog Technology CO.]
Direct Link  https://www.masteranalog.com/en/index.html
Logo MAT - Master Analog Technology CO.

A2504 Datasheet(HTML) 2 Page - Master Analog Technology CO.

  A2504 Datasheet HTML 1Page - Master Analog Technology CO. A2504 Datasheet HTML 2Page - Master Analog Technology CO.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
A2504
Specification
Quad-Hall Array Multioutput Linear Hall Effect Sensor
050523
www.masteranalog.com
Page 2 of 2
RD-30047
Rev 1.02
Package Dimension and Sensor Location
QW Package
(Top VieW)
NOTES:
1. Controlling dimension: mm
2. Leads must be free of flash and plating voids
3. Do not bend leads within 1 mm of lead to
package interface.
4. PINOUT:
Pin No.
Pin Name
Function
1,8,17,24
VDD
Power Supply
4,20
VSS
Ground
31
Out A
Output A
6
Out B
Output B
15
Out C
Output C
22
Out D
Output D
others
NC
--
Output Waveform and Magnet Usage method



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com