Electronic Components Datasheet Search
  English  ▼

X  

A2504 Datasheet(PDF) 1 Page - Master Analog Technology CO.

Part # A2504
Description  Quad-Hall Array Multioutput Linear Hall Effect Sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAT [Master Analog Technology CO.]
Direct Link  https://www.masteranalog.com/en/index.html
Logo MAT - Master Analog Technology CO.

A2504 Datasheet(HTML) 1 Page - Master Analog Technology CO.

  A2504 Datasheet HTML 1Page - Master Analog Technology CO. A2504 Datasheet HTML 2Page - Master Analog Technology CO.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A2504
Specification
Quad-Hall Array Multioutput Linear Hall Effect Sensor
050523
www.masteranalog.com
Page 1 of 2
RD-30047
Rev 1.02
A2504 is a IC of quad-Hall array. It detects the orientation of a magnetic field by measuring outputs signal.
Absolute Maximum Ratings
At (TA=25℃)
Characteristics
Values
Unit
Supply Voltage, (VDD)
8
V
Reverse Voltage, (VDD)
-0.3
V
Output Current, (ISINK)
5
mA
Operating Temperature
Range, (TA)
-40 ~ +125
℃
Storage Temperature
Range, (TS)
-65 ~ +150
℃
Package Power
Dissipation, (PD)
3200
mW
Functional Block Diagram
Voltage
Regulator
VDD
VSS
Hall
Sensor
Out
Dynamic
Offset
Cancellation
Tuned Filter
Sensitivity and
Sensitivity TC
Offset and
Offset TC
(A/B/C/D)
(A/B/C/D)
Electrical Specifications
DC Operating Parameters: TA=+25℃, VDD=5V
Parameters
Test Conditions
Min
Typ
Max
Units
Supply Voltage, (VDD)
Operating
2.8
6.0
V
Supply Current, (IDD)
B= 0 Gauss
5.0
mA
Output Current, (IO)
VDD > 3V
1.0
1.5
mA
Null Output Voltage, (VNULL)
B= 0 Gauss,Output A~D
2.475
2.5
2.525
V
High Output Voltage, (VOH)
B> Max Magnetic Gauss
4.9
4.99
V
Low Output Voltage, (VOL)
B> Min Magnetic Gauss
0.01
0.1
V
Output Voltage Span, (VOS)
4.8
V
Magnetic Range Gauss
±
1200
Gauss
Linearity
% of Span
±
1.5
%
Output Switch Frequency, (FSW)
3
kHz
Power-On Time, (TP)
100
uS
Sensitivity
Standard
1.9
2.0
2.1
mV/G
Electro-Static Discharge
HBM
4
KV
DMOS Hall
Effect sensor
Supply Voltage
2.8 ~ 6.5V
Sensitivity
2mV/G
Output
Totem-Pole
Package
QFN5x5-32
(QW)


Similar Part No. - A2504

ManufacturerPart #DatasheetDescription
logo
Omnetics Connector Corp...
A25000-004 OMNETICS-A25000-004 Datasheet
70Kb / 1P
SOCKET FEMALE MICRO CIRCULAR CONNECTOR W/ LATCH
02-12-14
A25000-008 OMNETICS-A25000-008 Datasheet
84Kb / 1P
SOCKET FEMALE MICRO CIRCULAR CONNECTOR W/ LATCH
02-12-14
A25000-010 OMNETICS-A25000-010 Datasheet
90Kb / 1P
SOCKET FEMALE MICRO CIRCULAR CONNECTOR W/ LATCH
02-12-14
A25000-012 OMNETICS-A25000-012 Datasheet
93Kb / 1P
SOCKET FEMALE SINGLE ROW CONNECTOR W/ LATCH
02-12-14
A25000-014 OMNETICS-A25000-014 Datasheet
108Kb / 1P
SOCKET FEMALE SINGLE ROW CONNECTOR W/ LATCH
02-12-14
More results

Similar Description - A2504

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MLX90242 ETC2-MLX90242 Datasheet
209Kb / 7P
Linear Hall Effect Sensor
MLX90242 ETC2-MLX90242_04 Datasheet
156Kb / 7P
Linear Hall Effect Sensor
logo
SEC Electronics Inc.
SS1302 SECELECTRONICS-SS1302 Datasheet
103Kb / 4P
Linear Hall Effect Sensor
SS3503 SECELECTRONICS-SS3503 Datasheet
104Kb / 5P
Linear Hall Effect Sensor
SS1302 SECELECTRONICS-SS1302_13 Datasheet
141Kb / 4P
Linear Hall Effect Sensor
logo
Unisonic Technologies
UHS49 UTC-UHS49 Datasheet
151Kb / 4P
LINEAR HALL EFFECT SENSOR
logo
SEC Electronics Inc.
SS695 SECELECTRONICS-SS695 Datasheet
222Kb / 4P
Linear Hall Effect Sensor
SS1302_1311 SECELECTRONICS-SS1302_1311 Datasheet
349Kb / 5P
Linear Hall Effect Sensor
SS4825 SECELECTRONICS-SS4825 Datasheet
383Kb / 5P
Linear Hall Effect Sensor
SS4833 SECELECTRONICS-SS4833 Datasheet
226Kb / 4P
Linear Hall Effect Sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com