Electronic Components Datasheet Search
  English  ▼

X  

A4365 Datasheet(PDF) 2 Page - Master Analog Technology CO.

Part # A4365
Description  Single Phase Fan Motor Driver with Soft-Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAT [Master Analog Technology CO.]
Direct Link  https://www.masteranalog.com/en/index.html
Logo MAT - Master Analog Technology CO.

A4365 Datasheet(HTML) 2 Page - Master Analog Technology CO.

  A4365 Datasheet HTML 1Page - Master Analog Technology CO. A4365 Datasheet HTML 2Page - Master Analog Technology CO. A4365 Datasheet HTML 3Page - Master Analog Technology CO.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
A4365
Specification
Single Phase Fan Motor Driver with Soft-Switch
050523
www.masteranalog.com
Page 2 of 3
RD-30043
Rev 1.22
Package Dimension and Sensor Location
L6 Package
(Top VieW)
NOTES:
1.
Controlling dimension: mm
2.
Leads must be free of flash and plating voids.
3.
Do not bend leads within 1 mm of lead to
package interface.
4.
PINOUT:
Pin
No.
Pin
Name
Function
1
FG/RD
Frequency Generation
/Revolution Detection
2
VSS
Ground
3
DoB
Out2
4
Do
Out1
5
VDD
Power Supply
6
PWM
PWM Input
D6 Package
NOTES:
1. Controlling dimension: mm
2. Leads must be free of flash and plating voids
3. Lead thickness after solder plating will be
0.254mm maximum
4. PINOUT:
Pin
No.
Pin
Name
Function
1
PWM
PWM Input
2
VDD
Power Supply
3
Do
Out1
4
VSS
Ground
5
DoB
Out2
6
FG/RD
Frequency Generation
/Revolution Detection



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com