Electronic Components Datasheet Search
  English  ▼

X  

A4365 Datasheet(PDF) 1 Page - Master Analog Technology CO.

Part # A4365
Description  Single Phase Fan Motor Driver with Soft-Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAT [Master Analog Technology CO.]
Direct Link  https://www.masteranalog.com/en/index.html
Logo MAT - Master Analog Technology CO.

A4365 Datasheet(HTML) 1 Page - Master Analog Technology CO.

  A4365 Datasheet HTML 1Page - Master Analog Technology CO. A4365 Datasheet HTML 2Page - Master Analog Technology CO. A4365 Datasheet HTML 3Page - Master Analog Technology CO.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
A4365
Specification
Single Phase Fan Motor Driver with Soft-Switch
050523
www.masteranalog.com
Page 1 of 3
RD-30043
Rev 1.22
A4385 is a multi-protections and more silent of smart single phase all in one fan driver IC.
Absolute Maximum Ratings
At (TA=25℃)
Characteristics
Values
Unit
Supply Voltage, (VDD)
7.00
V
Reverse Voltage, (VDD)
-7.00
V
Output Current, (IO)
500(Average)
mA
1000(Peak)
mA
Operating Temperature
Range, (TA)
-40 ~+125
℃
Storage Temperature
Range, (TS)
-50 ~ +150
℃
Package Power
Dissipation, (PD)
650/780/500
mW
Functional Block Diagram
REG
Amp
Thermal
shut-down
VDD
DoB
PWM
Hall
Sensor
Lock shutdown
and
Automatic recovery
Do
V+
V+
Control
Logic
V+
GND
FG / RD
PWM
Control
Electrical Specifications
DC Operating Parameters: TA=+25℃, VDD=5.0V
Parameters
Test Conditions
Min
Typ
Max
Units
Supply Voltage, (VDD)
Operating
1.8
5.5
V
Supply Current, (IDD)
No Load 5V
3.6
5.0
mA
Output Saturation Voltage, (VDSON)
IOUT=400mA
(Sink)
160
280
mV
(Drive) VDD-0.28 VDD-0.16
V
Output Switching Slope Duration, (TSW)
5V
160
uS
FG/RD Output Low Voltage, (VTO)
5V,5mA
0.3
0.5
V
PWM Input Frequency, (FPWM)
0.2
30
KHz
Locked Protection on, (TON)
0.35
0.45
0.55
S
Locked Protection off, (TOFF)
2.4
2.7
3.0
S
Electro-Static Discharge
HBM
4
KV
Operate Point, (BOP)
5
20
40
Gauss
Release Point, (BRP)
-40
-20
-5
Gauss
Hysteresis, (BHYS)
40
Gauss
ALL-IN-ONE
DC Motor
Drive IC
Supply Voltage
1.8 ~ 5.5V
Bop:30 Gauss
Brp:-30
Gauss
Output
Totem-Pole
Package
SOT-26L(L6)
DFN2020-6(D6)
DFN1616-6(N6)


Similar Part No. - A4365

ManufacturerPart #DatasheetDescription
logo
Master Analog Technolog...
A4361 MAT-A4361 Datasheet
1Mb / 3P
Single Phase Fan Motor Driver with Auto-restart
Rev 1.22
More results

Similar Description - A4365

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
SK6908 UTC-SK6908 Datasheet
255Kb / 6P
SINGLE-PHASE DC-FAN MOTOR DRIVER
SK6908 UTC-SK6908_07 Datasheet
137Kb / 6P
SINGLE-PHASE DC-FAN MOTOR DRIVER
SK6908 UTC-SK6908_15 Datasheet
137Kb / 6P
SINGLE-PHASE DC-FAN MOTOR DRIVER
logo
ON Semiconductor
LV8862JA ONSEMI-LV8862JA Datasheet
301Kb / 12P
Single-phase FAN Motor Driver
March 2015 - Rev. 1
LV11961HA ONSEMI-LV11961HA Datasheet
391Kb / 14P
Single-phase FAN Motor Driver
November 2015 - Rev. 2
LV8161MU ONSEMI-LV8161MU Datasheet
438Kb / 11P
Single-Phase Fan Motor Driver
April, 2014
logo
Major-Power Technology ...
MA7140 MPOWER-MA7140 Datasheet
120Kb / 2P
Single Phase Hall Effect Fan Driver With PWM Soft Switch
Rev.1.0
MA7141 MPOWER-MA7141 Datasheet
120Kb / 2P
Single Phase Hall Effect Fan Driver With PWM Soft Switch
Rev.1.0
MA7142 MPOWER-MA7142 Datasheet
166Kb / 2P
Single Phase Hall Effect Fan Driver With PWM Soft Switch
Rev.1.0
MA7143 MPOWER-MA7143 Datasheet
121Kb / 2P
Single Phase Hall Effect Fan Driver With PWM Soft Switch
Rev.1.0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com