Electronic Components Datasheet Search
  English  ▼

X  

943662003 Datasheet(PDF) 1 Page - Belden Inc.

Part # 943662003
Description  24 V DC DIN rail power supply unit
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

943662003 Datasheet(HTML) 1 Page - Belden Inc.

  943662003 Datasheet HTML 1Page - Belden Inc. 943662003 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: RPS 30
24 V DC DIN rail power supply unit
Product Description
24 V DC DIN rail power supply unit
Technical Specifications
Product description
Type:
RPS 30
Description:
24 V DC DIN rail power supply unit
Part Number:
943662003
More Interfaces
Voltage input:
1 x terminal block, 3-pin
Voltage output:
1 x terminal block, 5-pin
Power requirements
Current consumption:
max. 0,35 A at 296 V AC
Input voltage:
100 to 240 V AC; 47 to 63 Hz or 85 to 375 V DC
Operating Voltage:
230 V
Output current:
1.3 A at 100 - 240 V AC
Redundancy functions:
Power supply units can be connected in parallel
Activation Current:
36 A at 240 V AC and cold start
Power Output
Output voltage:
24 V DC (-0,5%, +0,5%)
Software
Diagnostics:
LED (power, DC ON)
Ambient conditions
Operating temperature:
-10-+70 °C
Note:
from 60 ║C derating
Storage/transport temperature:
-40-+85 °C
Relative humidity (non-condensing):
5-95 %
Mechanical construction
Dimensions (WxHxD):
45 mm x 75 mm x 91 mm
Weight:
230 g
Mounting:
DIN Rail
Protection class:
IP20
Mechanical stability
IEC 60068-2-6 vibration:
Operating: 2 … 500Hz 0,5m²/s³
IEC 60068-2-27 shock:
10 g, 11 ms duration


Similar Part No. - 943662003

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
943662015 BELDEN-943662015 Datasheet
294Kb / 2P
24 V DC DIN rail power supply unit
04-17-2024
943662080 BELDEN-943662080 Datasheet
271Kb / 2P
24 V DC DIN rail power supply unit
08-13-2024
More results

Similar Description - 943662003

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
ADF240 ARCH-ADF240_16 Datasheet
184Kb / 3P
AC-DC Din Rail Power Supply
logo
CUI INC
PDRB-45 CUI-PDRB-45 Datasheet
733Kb / 6P
AC-DC DIN RAIL POWER SUPPLY
PDRB-75 CUI-PDRB-75 Datasheet
712Kb / 6P
AC-DC DIN RAIL POWER SUPPLY
PDRB-5 CUI-PDRB-5 Datasheet
580Kb / 6P
AC-DC DIN RAIL POWER SUPPLY
PDRB-18 CUI-PDRB-18 Datasheet
577Kb / 6P
AC-DC DIN RAIL POWER SUPPLY
PDRC-10 CUI-PDRC-10 Datasheet
424Kb / 6P
AC-DC DIN RAIL POWER SUPPLY
PDRC-60 CUI-PDRC-60 Datasheet
486Kb / 6P
AC-DC DIN RAIL POWER SUPPLY
PDRB-30 CUI-PDRB-30_V01 Datasheet
1Mb / 6P
AC-DC DIN RAIL POWER SUPPLY
06/23/2021
PDRC-10 CUI-PDRC-10_V01 Datasheet
445Kb / 6P
AC-DC DIN RAIL POWER SUPPLY
04/27/2021
PDRB-5 CUI-PDRB-5_V01 Datasheet
593Kb / 6P
AC-DC DIN RAIL POWER SUPPLY
08/04/2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com