Electronic Components Datasheet Search
  English  ▼

X  

943662003 Datasheet(PDF) 2 Page - Belden Inc.

Part # 943662003
Description  24 V DC DIN rail power supply unit
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

943662003 Datasheet(HTML) 2 Page - Belden Inc.

  943662003 Datasheet HTML 1Page - Belden Inc. 943662003 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EMC interference immunity
EN 61000-4-2 electrostatic discharge (ESD): ± 4 kV contact discharge; ± 8 kV air discharge
EN 61000-4-3 electromagnetic field:
10 V/m (80 MHz ... 2700 MHz)
EN 61000-4-4 fast transients (burst):
2 kV power line
EN 61000-4-5 surge voltage:
power lines: 2 kV (line/earth), 1 kV (line/line)
EN 61000-4-6 Conducted Immunity:
10 V (150 kHz .. 80 MHz)
EMC emitted immunity
EN 55032:
EN 55032 Class A
Approvals
Basis Standard:
CE
Safety of industrial control equipment:
cUL 60950-1, cUL 508
Safety of information technology equipment: cUL 60950-1
Hazardous locations:
ISA 12.12.01 Class 1 Div. 2 (pending)
Shipbuilding:
DNV
Reliability
Guarantee:
24 months (please refer to the terms of guarantee for detailed information)
Scope of delivery and accessories
Scope of delivery:
Rail power supply, Description and operating manual
Further Instructions
Product Documentation:
https://www.doc.hirschmann.com
Certificates:
https://www.doc.hirschmann.com/certificates.html
History
Update and Revision:
Revision Number: 0.112 Revision Date: 02-03-2025
Variants
Item #
Type
943662003 RPS 30, Rail Power Supply
© 2025 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described here in are subject to error or omission and to change without
notice, and the listing of such information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "ASIS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Belden be liable for any damages
(including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with all applicable environmental programs as listed in the data sheet. The information provided is correct to the best of Belden's knowledge, information and belief
at the date of its publication. This information is designed only as a general guide for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. The Product
Disclosure is not to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for determining the applicability of legislation and
regulations based on their individual usage of the product.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com