Electronic Components Datasheet Search
  English  ▼

X  

CPC1918 Datasheet(PDF) 4 Page - Clare, Inc.

Part # CPC1918
Description  ISOPLUS??264 Power Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1918 Datasheet(HTML) 4 Page - Clare, Inc.

  CPC1918 Datasheet HTML 1Page - Clare, Inc. CPC1918 Datasheet HTML 2Page - Clare, Inc. CPC1918 Datasheet HTML 3Page - Clare, Inc. CPC1918 Datasheet HTML 4Page - Clare, Inc. CPC1918 Datasheet HTML 5Page - Clare, Inc. CPC1918 Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.clare.com
4
CPC1918
R02
PERFORMANCE DATA*
Unless otherwise specified, all performance data was acquired without the use of a heat sink.
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
35
30
25
20
15
10
5
0
1.30
1.31
1.32
1.33
1.34
LED Forward Voltage (V)
CPC1918
Typical Input Forward Voltage Distribution
(N=50, T
A=25ºC, IF=10mA)
35
30
25
20
15
10
5
0
0.033
0.037
0.041
0.045
0.049
0.053
CPC1918
Typical On-Resistance Distribution
(N=50, T
A=25ºC, IL=1ADC, IF=10mA)
On-Resistance (
Ω)
35
30
25
20
15
10
5
0
910
11
13
12
14
Turn-On (ms)
CPC1918
Typical Turn-On Time
(N=50, T
A=25ºC, IL=1ADC, IF=20mA)
0.25
0.27
0.29
0.24
0.26
0.28
Turn-Off (ms)
25
20
15
10
5
0
CPC1918
Typical Turn-Off Time
(N=50, T
A=25ºC, IL=1ADC, IF=20mA)
-40
0.014
0.012
0.010
0.008
0.006
0.004
0.002
0
-20
0
20
40
60
80
100
Temperature (ºC)
CPC1918
Typical Leakage vs. Temperature
at Maximum Rated Voltage
(Measured Across Pins 1 & 2)
-40
130
128
126
124
122
120
118
116
114
-20
0
20
40
60
80
100
Temperature (ºC)
CPC1918
Blocking Voltage vs. Temperature
-40
35
30
25
20
15
10
5
0
-20
0
20
40
60
80
100
I
F
= 10mA
I
F
= 20mA
Temperature (ºC)
CPC1918
Typical Turn-On vs. Temperature
(I
L=1ADC)
-40
0.28
0.24
0.20
0.16
0.12
0.08
0.04
0
-20
0
20
40
60
80
100
I
F
= 10mA
I
F
= 20mA
Temperature (ºC)
CPC1918
Typical Turn-Off vs. Temperature
(I
L=1ADC)
1.8
1.6
1.4
1.2
1.0
0.8
-40
-20
0
20
40
60
80
120
100
I
F
= 50mA
I
F
= 10mA
I
F
= 20mA
Temperature (ºC)
CPC1918
Typical LED Forward Voltage Drop
vs. Temperature
LED Forward Current (mA)
0
5
1015202530354045
120
110
100
90
80
70
60
50
40
30
20
10
0
50
CPC1918
Typical Turn-On vs. LED Forward Current
(I
L=1ADC)
LED Forward Current (mA)
0
5
1015202530354045
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0.00
50
CPC1918
Typical Turn-Off vs. LED Forward Current
(I
L=1ADC)
Temperature (ºC)
0
2040
6080
100
2
4
6
8
10
12
14
16
CPC1918
Maximum Load Current vs.
Temperature with Heat Sink
(I
F=20mA)
10ºC/W
Free Air
1ºC/W
5ºC/W



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com