Electronic Components Datasheet Search
  English  ▼

X  

CPC1918 Datasheet(PDF) 5 Page - Clare, Inc.

Part # CPC1918
Description  ISOPLUS??264 Power Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1918 Datasheet(HTML) 5 Page - Clare, Inc.

  CPC1918 Datasheet HTML 1Page - Clare, Inc. CPC1918 Datasheet HTML 2Page - Clare, Inc. CPC1918 Datasheet HTML 3Page - Clare, Inc. CPC1918 Datasheet HTML 4Page - Clare, Inc. CPC1918 Datasheet HTML 5Page - Clare, Inc. CPC1918 Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
CPC1918
www.clare.com
5
R02
PERFORMANCE DATA*
-40
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
-20
0
20
40
60
80
100
Temperature (ºC)
CPC1918
Typical I
F for Switch Operation
vs. Temperature
(I
L=1ADC)
I
F
= 10mA
-40
0.050
0.048
0.046
0.044
0.042
0.040
0.038
0.036
0.034
-20
0
20
40
60
80
100
Temperature (ºC)
CPC1918
Typical On-Resistance vs. Temperature
(I
L=1ADC)
Load Voltage (V)
-0.42
10
8
6
4
2
0
-2
-4
-6
-8
-10
-0.28
-0.14
0.14
0.28
0
0.42
CPC1918
Typical Load Current vs. Load Voltage
(T
A=25ºC, IF=10mA)
Time
30
25
20
15
10
5
0
1ms
10µs 100µs
100ms
10s
10ms
1s
100s
CPC1918
Energy Rating Curve
(Free Air, No Heat Sink)
-40
0.09
0.08
0.07
0.06
0.05
0.04
0.03
0.02
0.01
0.00
-20
0
20
40
60
80
100
I
F=10mA
CPC1918
Typical On-Resistance vs. Temperature
(I
L=max rated)
Temperature (ºC)
Unless otherwise specified, all performance data was acquired without the use of a heat sink.
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com