Electronic Components Datasheet Search
  English  ▼

X  

CPC1967 Datasheet(PDF) 4 Page - Clare, Inc.

Part # CPC1967
Description  i4-PAC??Power Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1967 Datasheet(HTML) 4 Page - Clare, Inc.

  CPC1967 Datasheet HTML 1Page - Clare, Inc. CPC1967 Datasheet HTML 2Page - Clare, Inc. CPC1967 Datasheet HTML 3Page - Clare, Inc. CPC1967 Datasheet HTML 4Page - Clare, Inc. CPC1967 Datasheet HTML 5Page - Clare, Inc. CPC1967 Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.clare.com
4
CPC1967
R03
PERFORMANCE DATA*
Unless otherwise specified, all performance data was acquired without the use of a heat sink.
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
35
30
25
20
15
10
5
0
1.313
1.316
1.319
1.322
1.325
LED Forward Voltage (V)
CPC1967
Typical LED Forward Voltage Drop
(N=50, T
A=25ºC, IF=10mA)
35
30
25
20
15
10
5
0
0.63
0.66
0.69
0.75
0.72
0.78
On-resistance (
Ω)
CPC1967
Typical On-Resistance Distribution
(N=50, T
A=25ºC, IL=1ADC, IF=10mA)
35
30
25
20
15
10
5
0
536
551
566
581
596
611
Blocking Voltage (V
P)
CPC1967
Typical Blocking Voltage Distribution
(N=50, T
A=25ºC)
4.9
5.5
6.1
4.6
5.2
5.8
Turn-On (ms)
25
20
15
10
5
0
CPC1967
Typical Turn-On Time
(N=50, T
A=25ºC, IL=1ADC, IF=10mA)
0.125
0.135
0.145
0.120
0.130
0.140
Turn-Off (ms)
25
20
15
10
5
0
CPC1967
Typical Turn-Off Time
(N=50, T
A=25ºC, IL=1ADC, IF=10mA)
-40
0.014
0.012
0.010
0.008
0.006
0.004
0.002
0
-20
0
20
40
60
80
100
Temperature (ºC)
CPC1967
Typical Leakage vs. Temperature
at Maximum Rated Voltage
(Measured across Pins 1 & 2)
-40
645
630
615
600
585
570
555
540
525
-20
0
20
40
60
80
100
Temperature (ºC)
CPC1967
Typical Blocking Voltage
vs. Temperature
-40
14
12
10
8
6
4
2
0
-20
0
20
40
60
80
100
I
F = 10mA
Temperature (ºC)
CPC1967
Typical Turn-On vs. Temperature
(I
L=1ADC)
-40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
-20
0
20
40
60
80
100
I
F = 10mA
CPC1967
Typical Turn-Off vs. Temperature
(I
L=1ADC)
Temperature (ºC)
1.8
1.6
1.4
1.2
1.0
0.8
-40
-20
0
20
40
60
80
120
100
Temperature (ºC)
CPC1967
Typical LED Forward Voltage Drop
vs. Temperature
I
F = 50mA
I
F = 20mA
I
F = 10mA
LED Forward Current (mA)
0
5
1015202530354045
18
16
14
12
10
8
6
4
2
1
0
50
CPC1967
Typical Turn-On vs. LED Forward Current
(I
L=1ADC)
Temperature (ºC)
0
20
40
60
80
100
0
1
2
3
4
5
6
7
8
5ºC/W
1ºC/W
10ºC/W
Free Air
CPC1967
Maximum Load Current vs.
Temperature with Heat Sink
(I
F=20mA)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com