Electronic Components Datasheet Search
  English  ▼

X  

CPC1977 Datasheet(PDF) 4 Page - Clare, Inc.

Part # CPC1977
Description  i4-PAC??Power Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1977 Datasheet(HTML) 4 Page - Clare, Inc.

  CPC1977 Datasheet HTML 1Page - Clare, Inc. CPC1977 Datasheet HTML 2Page - Clare, Inc. CPC1977 Datasheet HTML 3Page - Clare, Inc. CPC1977 Datasheet HTML 4Page - Clare, Inc. CPC1977 Datasheet HTML 5Page - Clare, Inc. CPC1977 Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.clare.com
4
CPC1977
R04
PERFORMANCE DATA*
Unless otherwise specified, all performance data was acquired without the use of a heat sink.
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
35
30
25
20
15
10
5
0
1.30
1.31
1.32
1.33
1.34
LED Forward Voltage (V)
CPC1977
Typical LED Forward Voltage Drop
(N=50, T
A=25ºC, IF=10mA)
35
30
25
20
15
10
5
0
0.54
0.55
0.56
0.58
0.57
0.59
On-Resistance (
Ω)
CPC1977
Typical On-Resistance Distribution
(N=50, T
A=25ºC, IL=1ADC, IF=10mA)
35
30
25
20
15
10
5
0
815
820
825
830
835
840
Blocking Voltage (V
P)
CPC1977
Typical Blocking Voltage Distribution
(N=50, T
A=25ºC)
7.0
8.0
9.0
6.5
7.5
8.5
Turn-On (ms)
25
20
15
10
5
0
CPC1977
Typical Turn-On Time
(N=50, T
A=25ºC, IL=1ADC, IF=10mA)
0.06
0.09
0.11
0.04
0.08
0.10
Turn-Off (ms)
25
20
15
10
5
0
CPC1977
Typical Turn-Off Time
(N=50, T
A=25ºC, IL=1ADC, IF=10mA)
-40
0.014
0.012
0.010
0.008
0.006
0.004
0.002
0
-20
0
20
40
60
80
100
Temperature (ºC)
CPC1977
Typical Leakage vs. Temperature
at Maximum Rated Voltage
(Measured across Pins 1 & 2)
-40
845
840
835
830
825
820
815
810
805
-20
0
20
40
60
80
100
Temperature (ºC)
CPC1977
Typical Blocking Voltage
vs. Temperature
-40
14
12
10
8
6
4
2
0
-20
0
20
40
60
80
100
I
F = 10mA
Temperature (ºC)
CPC1977
Typical Turn-On vs. Temperature
(I
L=1ADC)
-40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
-20
0
20
40
60
80
100
I
F = 10mA
Temperature (ºC)
CPC1977
Typical Turn-Off vs. Temperature
(I
L=1ADC)
Temperature (ºC)
CPC1977
Typical LED Forward Voltage Drop
vs. Temperature
1.8
1.6
1.4
1.2
1.0
0.8
-40
-20
0
20
40
60
80
120
100
F
I = 50mA
F
I = 20mA
I
F = 10mA
LED Forward Current (mA)
0
5
1015202530354045
18
16
14
12
10
8
6
4
2
1
0
50
CPC1977
Typical Turn-On vs. LED Forward Current
(I
L=1ADC)
Temperature (ºC)
0
2040
6080
100
0
1
2
3
4
5
6
7
8
10ºC/W
Free Air
5ºC/W
1ºC/W
CPC1977
Maximum Load Current vs.
Temperature with Heat Sink
(I
F=20mA)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com