Electronic Components Datasheet Search
  English  ▼

X  

CPC1977 Datasheet(PDF) 5 Page - Clare, Inc.

Part # CPC1977
Description  i4-PAC??Power Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1977 Datasheet(HTML) 5 Page - Clare, Inc.

  CPC1977 Datasheet HTML 1Page - Clare, Inc. CPC1977 Datasheet HTML 2Page - Clare, Inc. CPC1977 Datasheet HTML 3Page - Clare, Inc. CPC1977 Datasheet HTML 4Page - Clare, Inc. CPC1977 Datasheet HTML 5Page - Clare, Inc. CPC1977 Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
CPC1977
www.clare.com
5
R04
PERFORMANCE DATA*
LED Forward Current (mA)
0
5
1015202530354045
0.18
0.17
0.16
0.15
0.14
0.12
0.12
0.10
0.08
0
50
CPC1977
Typical Turn-Off vs. LED Forward Current
(IL=1ADC)
-40
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
-20
0
20
40
60
80
100
Temperature (ºC)
CPC1977
Typical On-Resistance vs. Temperature
(I
L=max rated)
-40
20
18
16
14
12
10
8
6
4
2
0
-20
0
20
40
60
80
100
CPC1977
Typical IF for Switch Operation
vs. Temperature
(I
L=1ADC)
Temperature (ºC)
Load Voltage (V)
-2.0
-1.33
-0.66
0.66
1.33
0
2.0
1.25
1.00
0.75
0.50
0.25
0
-0.25
-0.50
-0.75
-1.00
-1.25
CPC1977
Typical Load Current vs. Load Voltage
(T
A=25ºC, IF=10mA)
Time
18
15
12
9
6
3
0
1ms
10µs 100µs
100ms
10s
10ms
1s
100s
CPC1977
Energy Rating Curve
(Free Air, No Heat Sink)
Unless otherwise specified, all performance data was acquired without the use of a heat sink.
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com