Electronic Components Datasheet Search
  English  ▼

X  

CPC7595 Datasheet(PDF) 11 Page - Clare, Inc.

Part # CPC7595
Description  Line Card Access Switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC7595 Datasheet(HTML) 11 Page - Clare, Inc.

Back Button CPC7595 Datasheet HTML 7Page - Clare, Inc. CPC7595 Datasheet HTML 8Page - Clare, Inc. CPC7595 Datasheet HTML 9Page - Clare, Inc. CPC7595 Datasheet HTML 10Page - Clare, Inc. CPC7595 Datasheet HTML 11Page - Clare, Inc. CPC7595 Datasheet HTML 12Page - Clare, Inc. CPC7595 Datasheet HTML 13Page - Clare, Inc. CPC7595 Datasheet HTML 14Page - Clare, Inc. CPC7595 Datasheet HTML 15Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
CPC7595
R00B
www.clare.com
11
1.6.7 TESTin Switches, SW9 and SW10
Parameter
Test Conditions
Symbol
Minimum
Typical
Maximum
Unit
Off-state leakage
current
VSW9 (differential) = TTESTin to TBAT
VSW10 (differential) = RTESTin to RBAT
All-Off state.
+25° C,
VSW (differential) = -320 V to gnd
VSW (differential) = +260 V to -60 V
ISW
-
0.1
1
μA
+85° C,
VSW (differential) = -330 V to gnd
VSW (differential) =+270 V to -60 V
0.3
-40° C,
VSW (differential) = -310 V to gnd
VSW (differential) = +250 V to -60 V
0.1
On Resistance
ISW (on) = ±10 mA, ±40 mA, +25° C
RON
-
35
-
Ω
ISW (on) = ±10 mA, ±40 mA, +85° C
50
70
ISW (on) = ±10 mA, ±40 mA, -40° C
26
-
DC current limit
VSW (on) = ±10 V, +25° C
ISW
-
160
-
mA
VSW (on) = ±10 V, +85° C
80
110
-
VSW (on) = ±10 V, -40° C
-
210
250
Logic input to switch
output isolation
+25° C, Logic inputs = gnd,
VSW (TTESTin, RTESTin) = ±320 V
ISW
-
0.1
1
μA
+85° C, Logic inputs = gnd,
VSW (TTESTin, RTESTin) = ±330 V
0.3
-40° C, logic inputs = gnd,
VSW (TTESTin, RTESTin) = ±310 V
0.1
dv/dt sensitivity
-
-
500
-
V/
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com