Electronic Components Datasheet Search
  English  ▼

X  

CR5AS Datasheet(PDF) 1 Page - Powerex Power Semiconductors

Part # CR5AS
Description  Surface Mount, Phase Control SCR 5 Amperes/400-600 Volts
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CR5AS Datasheet(HTML) 1 Page - Powerex Power Semiconductors

  CR5AS Datasheet HTML 1Page - Powerex Power Semiconductors CR5AS Datasheet HTML 2Page - Powerex Power Semiconductors CR5AS Datasheet HTML 3Page - Powerex Power Semiconductors CR5AS Datasheet HTML 4Page - Powerex Power Semiconductors CR5AS Datasheet HTML 5Page - Powerex Power Semiconductors CR5AS Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Dimensions
Inches
Millimeters
H
0.06 ± 0.008
1.5 ± 0.2
J
0.040
1.01
K
0.035 Max.
0.9 Max.
L
0.035 Max.
0.9 Max.
M
0.31
0.8
N
0.020 ± 0.004
0.5± 0.1
Dimensions
Inches
Millimeters
A
0.39 Max.
10 Max.
B
0.26
6.5
C
0.22 ± 0.008
5.5 ± 0.2
D
0.20 ± 0.008
5.0 ± 0.2
E
0.18
4.6
F
0.09 Min.
2.3 Min.
G
0.09
2.3
Description:
The Powerex CR5AS SCRs are
surface mounted for use in medi-
um power control and rectification.
These devices are molded silicone
plastic types.
Features:
□ Surface Mount Type
□ Glass Passivated
□ Easy Application to Printed
Circuits
□ High Surge On-state Current
Applications:
□ Static Switches
□ Motor Control
□ Strobe Flasher
Ordering Information:
Example: Select the complete six
or seven digit part number you
desire from the table - i.e.
CR5AS-12 is a 600 Volt, 5 Ampere
Phase Control SCR.
VDRM/VRRM
Type
Volts
Code
CR5AS
400
-8
600
-12
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (412) 925-7272
Surface Mount,
Phase Control SCR
5 Amperes/400-600 Volts
CR5AS
Outline Drawing (Conforms to MP-3)
P-33
Ž
Œ
FF
J
K
H
D
B
C
E
G
A
N
L
M
Œ CATHODE
 ANODE
Ž GATE
 ANODE

CONNECTION DIAGRAM
OUTLINE DRAWING
Ž
Œ



Similar Part No. - CR5AS

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CR5AS MITSUBISHI-CR5AS Datasheet
66Kb / 6P
MEDIUM POWER USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
logo
HAOPIN MICROELECTRONICS...
CR5AS HAOPIN-CR5AS Datasheet
527Kb / 6P
Blocking voltage to 600 V
logo
Renesas Technology Corp
CR5AS-12 RENESAS-CR5AS-12 Datasheet
81Kb / 8P
Thyristor Medium Power Use
CR5AS-12 RENESAS-CR5AS-12 Datasheet
105Kb / 8P
Thyristor Medium Power Use
logo
Kersemi Electronic Co.,...
CR5AS-12 KERSEMI-CR5AS-12 Datasheet
1Mb / 7P
Glass Passivation Type
More results

Similar Description - CR5AS

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
BCR5AS POWEREX-BCR5AS Datasheet
80Kb / 6P
Surface Mount Triac 5 Amperes/400-600 Volts
C390X500 POWEREX-C390X500 Datasheet
843Kb / 4P
Phase Control SCR 620 Amperes Average 600 Volts
CR02AM POWEREX-CR02AM Datasheet
85Kb / 6P
Lead-Mount, Phase Control SCR 0.3 Amperes/400 Volts
CR03AM POWEREX-CR03AM Datasheet
69Kb / 4P
Lead-Mount, Phase Control SCR 0.3 Amperes/400-600 Volts
CR04AM POWEREX-CR04AM Datasheet
90Kb / 6P
Lead-Mount, Phase Control SCR 0.4 Amperes/400-600 Volts
CR08AS POWEREX-CR08AS Datasheet
92Kb / 6P
Surface Mount, Phase Control SCR 0.8 Amperes/400-600 Volts
CR6CM POWEREX-CR6CM Datasheet
84Kb / 6P
Lead-mount, Phase Control SCR 6 Amperes/400-600 Volts
CR8AM POWEREX-CR8AM Datasheet
85Kb / 6P
Lead-mount, Phase Control SCR 8 Amperes/400-600 Volts
T625 POWEREX-T625 Datasheet
717Kb / 4P
Phase Control SCR (300-400 Amperes 1200 Volts)
CR3CM POWEREX-CR3CM Datasheet
77Kb / 4P
Lead-mount, Phase Control SCR 3 Amperes/400-600 Volts
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com