Electronic Components Datasheet Search
  English  ▼

X  

CR5AS Datasheet(PDF) 2 Page - Powerex Power Semiconductors

Part # CR5AS
Description  Surface Mount, Phase Control SCR 5 Amperes/400-600 Volts
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CR5AS Datasheet(HTML) 2 Page - Powerex Power Semiconductors

  CR5AS Datasheet HTML 1Page - Powerex Power Semiconductors CR5AS Datasheet HTML 2Page - Powerex Power Semiconductors CR5AS Datasheet HTML 3Page - Powerex Power Semiconductors CR5AS Datasheet HTML 4Page - Powerex Power Semiconductors CR5AS Datasheet HTML 5Page - Powerex Power Semiconductors CR5AS Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (412) 925-7272
CR5AS
Surface Mount, Phase Control SCR
5 Amperes/400-600 Volts
P-34
Absolute Maximum Ratings, Ta = 25 °C unless otherwise specified
Ratings
Symbol
CR5AS-8
CR5AS-12
Units
Repetitive Peak Off-state Voltage
VDRM
400
600
Volts
Repetitive Peak Reverse Voltage
VRRM
400
600
Volts
Non-repetitive Peak Reverse Voltage
VRSM
500
720
Volts
DC Reverse Voltage
VR(DC)
320
480
Volts
DC Forward Voltage
VD(DC)
320
480
Volts
RMS On-state Current
IT(RMS)
7.8
7.8
Amperes
Average On-state Current (Nominal, See Graphs) Ta = 88°C
IT(avg)
5
5
Amperes
Non-repetitive Peak Surge, On-state Current One Cycle (60 Hz)
ITSM
90
90
Amperes
I2t for Fusing, t = 8.3 msec
I2t
33
33
A2sec
Peak Gate Power Dissipation
PGM
0.5
0.5
Watts
Average Gate Power Dissipation
PG(avg)
0.1
0.1
Watts
Peak Forward Gate Current
IFGM
0.3
0.3
Amperes
Peak Forward Gate Voltage
VFGM
6
6
Volts
Peak Reverse Gate Voltage
VRGM
6
6
Volts
Storage Temperature
Tstg
-40 to 125
-40 to 125
°C
Operating Junction Temperature
Tj
-40 to 125
-40 to 125
°C
Weight
–
0.26
0.26
Grams



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com