Electronic Components Datasheet Search
  English  ▼

X  

TPS65100PWPR Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65100PWPR
Description  TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND VCOM BUFFER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65100PWPR Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPS65100PWPR Datasheet HTML 10Page - Texas Instruments TPS65100PWPR Datasheet HTML 11Page - Texas Instruments TPS65100PWPR Datasheet HTML 12Page - Texas Instruments TPS65100PWPR Datasheet HTML 13Page - Texas Instruments TPS65100PWPR Datasheet HTML 14Page - Texas Instruments TPS65100PWPR Datasheet HTML 15Page - Texas Instruments TPS65100PWPR Datasheet HTML 16Page - Texas Instruments TPS65100PWPR Datasheet HTML 17Page - Texas Instruments TPS65100PWPR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
www.ti.com
Output Capacitor Selection
DVout +
Iout
Cout
1
fs
*
Ip
L
Vout ) Vd * Vin
) Ip
ESR
Input Capacitor Selection
Rectifier Diode Selection
TPS65100, TPS65101
TPS65105
SLVS496C – SEPTEMBER 2003 – REVISED APRIL 2006
APPLICATION INFORMATION (continued)
Table 1. Inductor Selection
DEVICE
INDUCTOR VALUE
COMPONENT SUPPLIER
DIMENSIONS / mm
ISAT/DCR
4.7
µH
Coilcraft DO1813P-472HC
8,89 x 6,1 x 5
2.6 A/54 m
Ω
4.2
µH
Sumida CDRH5D28 4R2
5,7 x 5,7 x 3
2.2 A/23 m
Ω
4.7
µH
Sumida CDC5D23 4R7
6 x 6 x 2,5
1.6 A/48 m
Ω
TPS65100
3.3
µH
Wuerth Elektronik 744042003
4,8 x 4,8 x 2
1.8 A/65 m
Ω
4.2
µH
Sumida CDRH6D12 4R2
6,5 x 6,5 x 1,5
1.8 A/60 m
Ω
3.3
µH
Sumida CDRH6D12 3R3
6,5 x 6,5 x 1,5
1.9 A/50 m
Ω
3.3
µH
Sumida CDPH4D19 3R3
5,1 x 5,1 x 2
1.5 A/26 m
Ω
3.3
µH
Coilcraft DO1606T-332
6,5 x 5,2 x 2
1.4 A/120 m
Ω
TPS65105
3.3
µH
Sumida CDRH2D18/HP 3R3
3,2 x 3,2 x 2
1.45 A/69 m
Ω
4.7
µH
Wuerth Elektronik 744010004
5,5 x 3,5 x 1
1.0 A/260 m
Ω
3.3
µH
Coilcraft LPO6610-332M
6,6 x 5,5 x 1
1.3 A/160 m
Ω
For the best output voltage filtering, a low ESR output capacitor is recommended. Ceramic capacitors have a
low ESR value, but depending on the application, tantalum capacitors can be used as well. A 22-
µF ceramic
output capacitor works for most of the applications. Higher capacitor values can be used to improve the load
transient regulation. See Table 2 for selection of the output capacitor. The output voltage ripple can be
calculated as:
with:
IP = Peak switch current as calculated in the previous section with ISW(peak).
L = Selected inductor value
IOUT = Normal load current
fs = Switching frequency
Vd = Rectifier diode forward voltage (typical 0.3 V)
COUT = Selected output capacitor
ESR = Output capacitor ESR value
For good input voltage filtering, low ESR ceramic capacitors are recommended. A 22-
µF ceramic input capacitor
is sufficient for most of the applications. For better input voltage filtering, this value can be increased. See
Table 2 and the typical applications for input capacitor recommendations.
Table 2. Input and Output Capacitors Selection
CAPACITOR
VOLTAGE RATING
COMPONENT SUPPLIER
COMMENTS
22
µF/1210
16 V
Taiyo Yuden EMK325BY226MM
Cout
22
µF/1206
6.3 V
Taiyo Yuden JMK316BJ226
Cin
To achieve high efficiency, a Schottky diode should be used. The voltage rating should be higher than the
maximum output voltage of the converter. The average forward current should be equal to the average inductor
current of the converter. The main parameter influencing the efficiency of the converter is the forward voltage
and the reverse leakage current of the diode; both should be as low as possible. Possible diodes are: On
Semiconductor MBRM120L, Microsemi UPS120E, and Fairchild Semiconductor MBRS130L.
14
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com