Electronic Components Datasheet Search
  English  ▼

X  

TPS65100PWPR Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65100PWPR
Description  TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND VCOM BUFFER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65100PWPR Datasheet(HTML) 20 Page - Texas Instruments

Back Button TPS65100PWPR Datasheet HTML 16Page - Texas Instruments TPS65100PWPR Datasheet HTML 17Page - Texas Instruments TPS65100PWPR Datasheet HTML 18Page - Texas Instruments TPS65100PWPR Datasheet HTML 19Page - Texas Instruments TPS65100PWPR Datasheet HTML 20Page - Texas Instruments TPS65100PWPR Datasheet HTML 21Page - Texas Instruments TPS65100PWPR Datasheet HTML 22Page - Texas Instruments TPS65100PWPR Datasheet HTML 23Page - Texas Instruments TPS65100PWPR Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
www.ti.com
C9
1 nF
VIN
COMP
VCOMIN
EN
ENR
C1+
C1−
DRV
FB2
REF
FB4
BASE
SW
SW
FB1
SUP
C2+
C2−/MODE
OUT3
FB3
VCOM
PGND
PGND
GND
TPS65100
D1
D2
D3
C1
C2
C12
Vo1
VI
3.3 V
C3
22
µF
R9
15 k
Ω
0.22
µF
0.22
µF
C14
1 nF
VO2
−5 V/20 mA
C5
0.22
µF
R3
620 k
Ω
R3
150 k
Ω
C11
220 nF
L1
3.3
µH
C8
6.8 pF
C4
22
µF
0.22
µF
R2
56 k
Ω
R1
430 k
Ω
C6
0.22
µF
VO1
10 V/300 mA
VO3
23 V/20 mA
Vcom
5 V
C7
1
µF
R5
1 M
R6
56 k
Ω
R7
500 k
Ω
R8
500 k
Ω
TPS65100, TPS65101
TPS65105
SLVS496C – SEPTEMBER 2003 – REVISED APRIL 2006
Figure 23. Typical Application, Notebook supply
20
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com