Electronic Components Datasheet Search
  English  ▼

X  

LTC1863 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC1863
Description  12-/16-Bit, 8-Channel 200ksps ADCs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1863 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC1863 Datasheet HTML 8Page - Linear Technology LTC1863 Datasheet HTML 9Page - Linear Technology LTC1863 Datasheet HTML 10Page - Linear Technology LTC1863 Datasheet HTML 11Page - Linear Technology LTC1863 Datasheet HTML 12Page - Linear Technology LTC1863 Datasheet HTML 13Page - Linear Technology LTC1863 Datasheet HTML 14Page - Linear Technology LTC1863 Datasheet HTML 15Page - Linear Technology LTC1863 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
LTC1863/LTC1867
16
18637f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com
©LINEAR TECHNOLOGY CORPORATION 2004
LT/TP 0504 1K • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC1417
14-Bit, 400ksps Serial ADC
20mW, Unipolar or Bipolar, Internal Reference, SSOP-16 Package
LT1460
Micropower Precision Series Reference
Bandgap, 130
µA Supply Current, 10ppm/°C, SOT-23 Package
LT1468/LT1469
Single/Dual 90MHz, 22V/
µs, 16-Bit Accurate Op Amps
Low Input Offset: 75
µV/125µV
LTC1609
16-Bit, 200ksps Serial ADC
65mW, Configurable Bipolar and Unipolar Input Ranges, 5V Supply
LT1790
Micropower Low Dropout Reference
60
µA Supply Current, 10ppm/°C, SOT-23 Package
LTC1850/LTC1851
10-Bit/12-Bit, 8-Channel, 1.25Msps ADC
Parallel Output, Programmable MUX and Sequencer, 5V Supply
LTC1852/LTC1853
10-Bit/12-Bit, 8-Channel, 400ksps ADC
Parallel Output, Programmable MUX and Sequencer, 3V or 5V Supply
LTC1860/LTC1861
12-Bit, 1-/2-Channel 250ksps ADC in MSOP
850
µA at 250ksps, 2µA at 1ksps, SO-8 and MSOP Packages
LTC1860L/LTC1861L
3V, 12-Bit, 1-/2-Channel 150ksps ADC
450
µA at 150ksps, 10µA at 1ksps, SO-8 and MSOP Packages
LTC1864/LTC1865
16-Bit, 1-/2-Channel 250ksps ADC in MSOP
850
µA at 250ksps, 2µA at 1ksps, SO-8 and MSOP Packages
LTC1864L/LTC1865L
3V, 16-Bit, 1-/2-Channel 150ksps ADC in MSOP
450
µA at 150ksps, 10µA at 1ksps, SO-8 and MSOP Packages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com