Electronic Components Datasheet Search
  English  ▼

X  

LTC1863 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1863
Description  12-/16-Bit, 8-Channel 200ksps ADCs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1863 Datasheet(HTML) 5 Page - Linear Technology

  LTC1863 Datasheet HTML 1Page - Linear Technology LTC1863 Datasheet HTML 2Page - Linear Technology LTC1863 Datasheet HTML 3Page - Linear Technology LTC1863 Datasheet HTML 4Page - Linear Technology LTC1863 Datasheet HTML 5Page - Linear Technology LTC1863 Datasheet HTML 6Page - Linear Technology LTC1863 Datasheet HTML 7Page - Linear Technology LTC1863 Datasheet HTML 8Page - Linear Technology LTC1863 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTC1863/LTC1867
5
18637f
FREQUENCY (kHz)
0
0
–20
–40
–60
–80
–100
–120
–140
75
18637 G04
25
50
100
FREQUENCY (kHz)
0
0
–20
–40
–60
–80
–100
–120
–140
75
18637 G05
25
50
100
ACTIVE CHANNEL INPUT FREQUENCY (kHz)
1
–80
–90
–100
–110
–120
–130
–140
10
100
1000
18637 G06
INPUT FREQUENCY (kHz)
1
100
90
80
70
60
50
40
30
20
10
100
18637 G07
INPUT FREQUENCY (kHz)
1
100
90
80
70
60
50
40
30
20
10
100
18637 G08
INPUT FREQUENCY (kHz)
1
–20
–30
–40
–50
–60
–70
–80
–90
–100
10
100
18637 G09
ADJACENT PAIR
NONADJACENT PAIR
SNR = 88.8dB
SINAD = 87.9dB
THD = 95dB
fSAMPLE = 200ksps
INTERNAL REFERENCE
SNR = 90dB
SINAD = 88.5dB
THD = 94dB
fSAMPLE = 200ksps
VREF = 0V
REFCOMP = EXT 5V
OUTPUT CODE
0
49152
18637 GO1
16384
32768
65536
2.0
1.5
1.0
0.5
0
– 0.5
– 1.0
– 1.5
– 2.0
OUTPUT CODE
0
49152
16384
32768
65536
2.0
1.5
1.0
0.5
0
– 0.5
– 1.0
– 1.5
– 2.0
18637 GO2
CODE
–4
4
18637 GO3
–2
–3
0
–1
3
2
1
2500
2000
1500
1000
500
0
1
26
276
2152
579
122
5
0
935
TYPICAL PERFOR A CE CHARACTERISTICS
Integral Nonlinearity vs
Output Code
Differential Nonlinearity vs
Output Code
Histogram for 4096 Conversions
4096 Points FFT Plot (fIN = 1kHz)
4096 Points FFT Plot (fIN = 1kHz,
REFCOMP = External 5V)
Crosstalk vs Input Frequency
Signal-to-Noise Ratio vs
Frequency
Signal-to-(Noise + Distortion) vs
Input Frequency
Total Harmonic Distortion vs
Input Frequency
(LTC1867)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com