Electronic Components Datasheet Search
  English  ▼

X  

12014 Datasheet(PDF) 2 Page - Evolt

Part # 12014
Description  HOVER SWITCH ADV
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EKTOR [Evolt]
Direct Link  ektor.com
Logo EKTOR - Evolt

12014 Datasheet(HTML) 2 Page - Evolt

  12014 Datasheet HTML 1Page - Evolt 12014 Datasheet HTML 2Page - Evolt 12014 Datasheet HTML 3Page - Evolt 12014 Datasheet HTML 4Page - Evolt 12014 Datasheet HTML 5Page - Evolt  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Working Temp Range
-30 to 50 °C
LAMP
Macadam Steps (SDCM)
5-step MacAdam Ellipse
Beam Angle
120 °
CCT Configuration
Single
Colour Rendering Index (CRI)
>70
LED LIFETIME
LED Lifetime
>60000 hrs
This is the Reported LED Lifetime in Hours based on TM-21. Ektor does not list
the projected or calculated LED lifetime, which is normally longer as TM-21
Addendum B explicitly states "The Calculated and Projected Lp(Dk) are not to be
reported". This Lifetime refers to the life of a single LED however the system life
is longer since the probability and binomial distribution of all LEDs in the system
means that the average led is performing above the specification and
compensates for the LEDs falling below.
Ambient Temp (°C)
25 °C
40 °C
L90B10
48000 hrs
47000 hrs
This rating defines the performance of the led within its lifetime. L relates to
lumen depreciation, where the proceeding number gives the resultant lumen
output at the end of it reported lifetime. L70, would mean 30% lumen
depreciation which means 70% of its initial output and is tested accordingly to
TM-21. The B part refers to failures, which can be define as the percentage of
LEDs which fall below the L value in the projected lifetime. A value of B10 refers
to 10% failure and a value of B50 refers to 50% failure. After the defined lifetime,
the system will reach the defined lumen depreciation and the average led
failures is defined by the B rating. The B rating is defined in and tested to
IEC62717.
TM-21 Test Hours
10000 hrs
COLOUR TEMPERATURE
80 Watts
5000 K
16000 lm
100 Watts
5000 K
20000 lm
120 Watts
5000 K
24000 lm
DRIVER
Driver Type
1-10V dimmable
Flex & Plug or Lead Length
1500 mm
Wiring Type
Re-wireable Flex & Plug (3 pin)
PSTLM
0.006
Short Term Light Modulation (PstLM): The requirement is that PstLM should be
less than or equal to 1.0. This metric measures the short-term flicker severity
and ensures that flicker is not perceptible or is at a level that does not cause
discomfort or health issues.
SVM
0.001
Stroboscopic Visibility Measure (SVM): The requirement for SVM is that it
should be less than or equal to 0.4. The SVM metric assesses the visibility of the
stroboscopic effect, which can make moving objects appear to be stationary or
moving in discrete steps, thus ensuring that this effect is minimized in lighting
environments to prevent visual discomfort and safety hazards.
ENERGY SAVINGS SCHEME
Ipart Approval
Yes
REES Approval
Yes
VEU Approval
Yes
COMPLIANCE
Product Design Life
8 years
The product design life relates to the total product life which includes LEDs,
drivers and the enclosure. This is different to the LED lifetime which only refers
to the economical lifetime of the LEDs at which time the lumen output has
dropped below the L Value. The product design life is calculated at the
maximum ambient or working temperature of the product and takes into
account the Daily Use.
Daily Use
20 hrs
The Daily Use is the recommended time required to meet the product's design
life. Installations can exceed this time, however the product design life will be
reduced proportionally.
Standards
AS/NZS 60598.1
AS/NZS 60598.2.1
AS/NZS 61347.1
AS/NZS 61347.2.13
AS CISPR 15
WARRANTY
Commercial Use Warranty
5 RTB (Total 5 Years)
VIP Warranty
2 Onsite, 3 RTB (Total 5 Years)
VIP warranty is available to registered users and is subjected to additional terms
and conditions.
Warranty Operating Hours
25000 hrs
This product is provided with a warranty up until the stated warranty period or
until the stated warranty operating hours has been reached (whichever occurs
first).
DIMENSIONS
Product Diameter
250 mm
Product Height
185 mm
LINE DRAWINGS
Information is subject to change without prior notice. Images are for illustrative purposes only. E&OE



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com