Electronic Components Datasheet Search
  English  ▼

X  

12014 Datasheet(PDF) 4 Page - Evolt

Part # 12014
Description  HOVER SWITCH ADV
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EKTOR [Evolt]
Direct Link  ektor.com
Logo EKTOR - Evolt

12014 Datasheet(HTML) 4 Page - Evolt

  12014 Datasheet HTML 1Page - Evolt 12014 Datasheet HTML 2Page - Evolt 12014 Datasheet HTML 3Page - Evolt 12014 Datasheet HTML 4Page - Evolt 12014 Datasheet HTML 5Page - Evolt  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
EV/HOVER/SWITCH/ADV/120W/50K (80W with 60deg lens)
EV/HOVER/SWITCH/ADV/120W/50K (100W with 90deg lens)
EV/HOVER/SWITCH/ADV/120W/50K (120W)
EV/HOVER/SWITCH/ADV/120W/50K (100W with Diffuser)
EV/HOVER/SWITCH/ADV/120W/50K (120W with 90deg lens)
EV/HOVER/SWITCH/ADV/120W/50K (120W with 60deg lens)
Information is subject to change without prior notice. Images are for illustrative purposes only. E&OE



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com