Electronic Components Datasheet Search
  English  ▼

X  

74HC4060 Datasheet(PDF) 1 Page - Silicon Supplies

Part # 74HC4060
Description  High Speed CMOS Logic
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

74HC4060 Datasheet(HTML) 1 Page - Silicon Supplies

  74HC4060 Datasheet HTML 1Page - Silicon Supplies 74HC4060 Datasheet HTML 2Page - Silicon Supplies 74HC4060 Datasheet HTML 3Page - Silicon Supplies 74HC4060 Datasheet HTML 4Page - Silicon Supplies 74HC4060 Datasheet HTML 5Page - Silicon Supplies 74HC4060 Datasheet HTML 6Page - Silicon Supplies 74HC4060 Datasheet HTML 7Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
 
 
High Speed CMOS Logic – 74HC4060
 
14-Stage Binary Ripple Counter / Divider with Oscillator in bare die form
Rev 1.0
26/11/17
 
 
Output Drive Capability: 10 LSTTL Loads
Low Input Current: 1µA
Outputs directly interface CMOS, NMOS and TTL
 
 
Operating Voltage Range: 2V to 6V
CMOS High Noise Immunity
 
 
 
 
 
 
Function compatible with CD4060B.
Features:
Ordering Information
The following part suffixes apply:
The 74HC4060 is produced on a 2.5µm 5V CMOS process
with high speed LSTTL performance combined with CMOS
low power consumption. The device consists of 14 master–
slave flip–flops & an oscillator with frequency controlled
either by crystal or by external RC circuit. Each flip–flop
output feeds the next where each output frequency is half
the preceding one. A high-to-low transition on the clock
input increments the counter. The active–high Reset is
asynchronous & disables the oscillator for low standby
power consumption. Ten kinds of divided output are
provided; 4 to 10 & 12 to 14 stage inclusive. Maximum
division available at Q12 is 1/16384 of oscillator frequency.
Description
Die Dimensions in µm (mils)
1610 (63)
 
No suffix - MIL-STD-883 /2010B Visual Inspection
 
 
For High Reliability versions of this product please see
 
 
 
 
 
54HC4060
Supply Formats:
Die Size (Unsawn)
1610 x 1610
63 x 63
µm
 
 
 
 
mils
Minimum Bond Pad Size
110 x 110
4 x 4
µm
mils
Die Thickness
350 (±20)
13.78 (±0.79)
µm
mils
Mechanical Specification
Default – Die in Waffle Pack (100 per tray capacity)
Sawn Wafer on Tape – On request
Unsawn Wafer – On request
Die Thickness <> 350µm(14 Mils) – On request
Top Metal Composition
Al 1%Si 1.1µm
Back Metal Composition
N/A – Bare Si
Assembled into Ceramic Package – On request
Page 1 of 7 
www.siliconsupplies.com


Similar Part No. - 74HC4060

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4060 PHILIPS-74HC4060 Datasheet
90Kb / 12P
14-stage binary ripple counter with oscillator
December 1990
74HC4060 NXP-74HC4060 Datasheet
150Kb / 25P
14-stage binary ripple counter with oscillator
Rev. 03-14 July 2008
logo
STMicroelectronics
74HC4060 STMICROELECTRONICS-74HC4060 Datasheet
564Kb / 16P
14-stage binary counter/oscillator
15-May-2013
logo
Silicon Supplies
74HC4060 SS-74HC4060 Datasheet
776Kb / 7P
High Speed CMOS Logic
logo
Nexperia B.V. All right...
74HC4060 NEXPERIA-74HC4060 Datasheet
317Kb / 19P
14-stage binary ripple counter with oscillator
Rev. 6 - 7 September 2021
More results

Similar Description - 74HC4060

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC190E TI-CD74HC190E Datasheet
292Kb / 10P
HIGH SPEED CMOS LOGIC
logo
Silicon Supplies
54HC00 SS-54HC00 Datasheet
372Kb / 5P
High Speed CMOS Logic
54HC02 SS-54HC02 Datasheet
803Kb / 5P
High Speed CMOS Logic
54HC04 SS-54HC04 Datasheet
382Kb / 5P
High Speed CMOS Logic
74HC00 SS-74HC00 Datasheet
370Kb / 5P
High Speed CMOS Logic
54HC08 SS-54HC08_19 Datasheet
589Kb / 5P
High Speed CMOS Logic
54HC20 SS-54HC20 Datasheet
587Kb / 5P
High Speed CMOS Logic
74HC08 SS-74HC08_19 Datasheet
589Kb / 5P
High Speed CMOS Logic
74HC32 SS-74HC32_19 Datasheet
757Kb / 5P
High Speed CMOS Logic
74HC05 SS-74HC05 Datasheet
754Kb / 5P
High Speed CMOS Logic
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com