Electronic Components Datasheet Search
  English  ▼

X  

74HC4060 Datasheet(PDF) 3 Page - Silicon Supplies

Part # 74HC4060
Description  High Speed CMOS Logic
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

74HC4060 Datasheet(HTML) 3 Page - Silicon Supplies

  74HC4060 Datasheet HTML 1Page - Silicon Supplies 74HC4060 Datasheet HTML 2Page - Silicon Supplies 74HC4060 Datasheet HTML 3Page - Silicon Supplies 74HC4060 Datasheet HTML 4Page - Silicon Supplies 74HC4060 Datasheet HTML 5Page - Silicon Supplies 74HC4060 Datasheet HTML 6Page - Silicon Supplies 74HC4060 Datasheet HTML 7Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Page 3 of 7 
www.siliconsupplies.com
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
PARAMETER
SYMBOL
MIN
MAX
UNITS
DC Supply Voltage
VCC
24
6
V
DC Input or Output Voltage
VIN ,VOUT
0
VCC
V
Operating Temperature Range
TJ
0
+85
°C
VCC = 2.0V
0
1000
ns
VCC = 4.5V
0
500
Input Rise or Fall Times
VCC = 6.0V
tr, tf
0
400
Recommended Operating Conditions3 (Voltages referenced to GND)
Absolute Maximum Ratings1
PARAMETER
SYMBOL
VALUE
UNIT
DC Supply Voltage (Referenced to GND)
VCC
-0.5 to +7.0
V
DC Input Voltage (Referenced to GND)
VIN
-0.5 to VCC +0.5
V
DC Output Voltage
VOUT
-0.5 to VCC +0.5
V
DC Input Current, per pad
IIN
±20
mA
DC Output Current, per pad
IOUT
±25
mA
DC VCC or GND Current, per pad
ICC
±50
mA
Power Dissipation in Still Air
2
PD
750
mW
Storage Temperature Range
TSTG
-65 to 150
°C
High Speed CMOS Logic – 74HC4060
Rev 1.0
26/11/17
1.  Operation above the absolute maximum rating may cause device failure. Operation at the absolute maximum ratings, for extended periods, may
reduce device reliability. 2. Measured in plastic DIP package, results in die form are dependent on die attach and assembly method.
Pad Descriptions
INPUTS
Osc IN (Pad 11)
Negative–edge triggering clock input. A high–to–low transition on this input advances the state of the counter. Osc IN may be driven
by an external clock source.
CONTROL INPUTS
MR (Pad 12)
Active–high reset. A high level applied to this input asynchronously resets the counter to its zero state (forcing all Q outputs low)
and disables the oscillator.
OUTPUTS
Q4—Q10, Q12–Q14 (Pads 7, 5, 4, 6, 13, 15, 1, 2, 3) Active–high outputs. Each Qn output divides the Clock input frequency by 2
N.
The user should note the Q1, Q2, Q3 and Q11 are not available as outputs.
Osc OUT1, Osc OUT2 (Pads 9, 10)
Oscillator outputs. These pads are used in conjunction with Osc IN and the external components to form an oscillator. When Osc IN
is being driven with an external clock source, Osc OUT1 and Osc OUT2 must be left open circuited. With the crystal oscillator in RC
configuration, Osc OUT2 must be left open circuited.
3.  This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken
to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, VIN and VOUT should be
constrained to the range GND ≤ (VIN or VOUT) ≤ VCC. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC).
Unused outputs must be left open.
4. The oscillator is guaranteed to function at 2.5 V minimum. However, parametrics are tested at 2.0V by driving Pad 11 with an external clock source.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com