Electronic Components Datasheet Search
  English  ▼

X  

LD7575PS Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # LD7575PS
Description  Green-Mode PWM Controller with High-Voltage Start-Up Circuit
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LD7575PS Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button LD7575PS Datasheet HTML 6Page - List of Unclassifed Manufacturers LD7575PS Datasheet HTML 7Page - List of Unclassifed Manufacturers LD7575PS Datasheet HTML 8Page - List of Unclassifed Manufacturers LD7575PS Datasheet HTML 9Page - List of Unclassifed Manufacturers LD7575PS Datasheet HTML 10Page - List of Unclassifed Manufacturers LD7575PS Datasheet HTML 11Page - List of Unclassifed Manufacturers LD7575PS Datasheet HTML 12Page - List of Unclassifed Manufacturers LD7575PS Datasheet HTML 13Page - List of Unclassifed Manufacturers LD7575PS Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
LD7575
10
Leadtrend Technology Corporation
LD7575-DS-04a June 2007
Oscillator and Switching Frequency
Connecting a resistor from RT pin to GND according to the
equation can program the normal switching frequency:
)
KHz
(
100
RT
0
.
65
f
)
K
(
SW
×
=
Ω
The suggested operating frequency range of LD7575 is
within 50KHz to 130KHz.
Internal Slope Compensation
A fundamental issue of current mode control is the stability
problem when its duty-cycle is operated more than 50%. To
stabilize the control loop, the slope compensation is needed
in the traditional UC384X design by injecting the ramp signal
from the RT/CT pin through a coupling capacitor. In LD7575,
the
internal
slope
compensation
circuit
has
been
implemented to simplify the external circuit design.
On/Off Control
The LD7575 can be controlled to turn off by pulling COMP
pin to lower than 1.2V.
The gate output pin of LD7575 will
be disabled immediately under such condition. The off mode
can be released when the pull-low signal is removed.
Dual-Oscillator Green-Mode Operation
There
are
many
difference
topologies
has
been
implemented in different chips for the green-mode or power
saving
requirements
such
as
“burst-mode
control”,
“skipping-cycle Mode”, “variable off-time control “…etc. The
basic operation theory of all these approaches intended to
reduce the switching cycles under light-load or no-load
condition either by skipping some switching pulses or
reduce the switching frequency.
Over Load Protection (OLP)
To protect the circuit from the damage during over load
condition or short condition, a smart OLP function is
implemented
in
the
LD7575.
Figure
17
shows
the
waveforms of the OLP operation.
Under such fault
condition, the feedback system will force the voltage loop
toward the saturation and thus pull the voltage on COMP pin
(VCOMP) to high.
Whenever the VCOMP trips the OLP
threshold 5.0V and keeps longer than 30mS (when
switching frequency is 65KHz), the protection is activated
and then turns off the gate output to stop the switching of
power circuit.
The 30mS delay time is to prevent the false
trigger from the power-on and turn-off transient.
A divide-2 counter is implemented to reduce the average
power under OLP behavior.
Whenever OLP is activated,
the output is latched off and the divide-2 counter starts to
count the number of UVLO(off).
The latch is released if
the 2nd UVLO(off) point is counted then the output is
recovery to switching again.
By using such protection mechanism, the average input
power can be reduced to very low level so that the
component temperature and stress can be controlled within
the safe operating area.
Fig. 17
OVP (Over Voltage Protection) on Vcc
The Vgs ratings of the nowadays power MOSFETs are most
with maximum 30V. To prevent the Vgs from the fault
condition, LD7575 is implemented an OVP function on Vcc.
Whenever the Vcc voltage is higher than the OVP threshold
voltage, the output gate drive circuit will be shutdown
simultaneous thus to stop the switching of the power
MOSFET until the next UVLO(on).
The Vcc OVP function in LD7575 is an auto-recovery type
protection.
If the OVP condition, usually caused by the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com