Electronic Components Datasheet Search
  English  ▼

X  

LD7575PS Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # LD7575PS
Description  Green-Mode PWM Controller with High-Voltage Start-Up Circuit
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LD7575PS Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  LD7575PS Datasheet HTML 1Page - List of Unclassifed Manufacturers LD7575PS Datasheet HTML 2Page - List of Unclassifed Manufacturers LD7575PS Datasheet HTML 3Page - List of Unclassifed Manufacturers LD7575PS Datasheet HTML 4Page - List of Unclassifed Manufacturers LD7575PS Datasheet HTML 5Page - List of Unclassifed Manufacturers LD7575PS Datasheet HTML 6Page - List of Unclassifed Manufacturers LD7575PS Datasheet HTML 7Page - List of Unclassifed Manufacturers LD7575PS Datasheet HTML 8Page - List of Unclassifed Manufacturers LD7575PS Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
LD7575
4
Leadtrend Technology Corporation
LD7575-DS-04a June 2007
Absolute Maximum Ratings
Supply Voltage VCC
30V
High-Voltage Pin, HV
-0.3V~500V
COMP, RT, CS
-0.3 ~7V
Junction Temperature
150
°C
Operating Ambient Temperature
-40
°C to 85°C
Storage Temperature Range
-65
°C to 150°C
Package Thermal Resistance (SOP-8)
160
°C/W
Package Thermal Resistance (DIP-8)
100
°C/W
Power Dissipation (SOP-8, at Ambient Temperature = 85
°C)
400mW
Power Dissipation (DIP-8, at Ambient Temperature = 85
°C)
650mW
Lead temperature (Soldering, 10sec)
260
°C
ESD Voltage Protection, Human Body Model (except HV Pin)
3KV
ESD Voltage Protection, Machine Model
200V
Gate Output Current
500mA
Caution:
Stresses beyond the ratings specified in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only
rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not
implied.
Recommended Operating Conditions
Item
Min.
Max.
Unit
Supply Voltage Vcc
11
25
V
Vcc Capacitor
10
47
µF
Switching Frequency
50
130
KHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com