Electronic Components Datasheet Search
  English  ▼

X  

CT230802 Datasheet(PDF) 1 Page - Powerex Power Semiconductors

Part # CT230802
Description  Split Dual SCR POW-R-BLOK??Modules 20 Amperes/800 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CT230802 Datasheet(HTML) 1 Page - Powerex Power Semiconductors

  CT230802 Datasheet HTML 1Page - Powerex Power Semiconductors CT230802 Datasheet HTML 2Page - Powerex Power Semiconductors CT230802 Datasheet HTML 3Page - Powerex Power Semiconductors CT230802 Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Dimension
Inches
Millimeters
A
2.362 Max.
60 Max.
B
1.874
47.6
C
1.417
36
D
1.260 Max.
32 Max.
E
1.181 Max.
30 Max.
F
0.964
24.5
G
0.703
18
H
0.650
16.5
J
0.591
15
K
0.512
13
L
0.433
11
M
0.335
8.5
N
0.216 Dia.
Dia. 5.5
P
M4 Metric
M4
Q
0.079
2
Description:
Powerex Split Dual SCR
POW-R-BLOK™ Modules are
designed for use in applications
requiring control and rectification.
The modules are isolated for easy
mounting with other components
on common heatsinks.
Features:
Isolated Mounting
Glass Passivated Chips
Metal Baseplate
Low Thermal Impedance
Four Terminal Flexibility
Applications:
Battery Supplies
Contactless Switches
Furnace Control
Light Dimmers
Ordering Information:
Select the complete eight digit
module part number you desire
from the table below.
Example: CT230802 is a
800 Volt, 20 Ampere Split Dual
SCR POW-R-BLOK™ Module.
Voltage
Current Rating
Type
Volts (x100)
Amperes (x10)
CT23
08
02
SD-37
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Split Dual SCR
POW-R-BLOK™ Modules
20 Amperes/800 Volts
CT230802
Outline Drawing
CT230802
Split Dual SCR
POW-R-BLOK™ Modules
20 Amperes/800 Volts
E
F
L
Q
H
C
D
G
K
A
B
M
(TYP.)
J
.110 TAB
G2
G1
2
4
3
1
G2
G1
4
3
2
1
(4 TYP.)
P - M4 THD.
N - DIA.
(2 TYP.)


Similar Part No. - CT230802

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
CT2300-R3 CTMICRO-CT2300-R3 Datasheet
2Mb / 11P
N-Channel Enhancement MOSFET
CT2301-R3 CTMICRO-CT2301-R3 Datasheet
1Mb / 11P
P-Channel Enhancement MOSFET
CT2306-R3 CTMICRO-CT2306-R3 Datasheet
553Kb / 10P
N-Channel Enhancement MOSFET
More results

Similar Description - CT230802

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CM420890 POWEREX-CM420890 Datasheet
93Kb / 4P
SCR/Diode POW-R-BLOK??Modules 90 Amperes/800 Volts
CM4208A2 POWEREX-CM4208A2 Datasheet
93Kb / 4P
SCR/Diode POW-R-BLOK??Modules 25 Amperes/800 Volts
CM430855 POWEREX-CM430855 Datasheet
96Kb / 4P
Dual SCR POW-R-BLOK??Modules 55 Amperes/800 Volts
CM430890 POWEREX-CM430890 Datasheet
93Kb / 4P
Dual SCR POW-R-BLOK??Modules 90 Amperes/800 Volts
CM4308A2 POWEREX-CM4308A2 Datasheet
93Kb / 4P
Dual SCR POW-R-BLOK??Modules 25 Amperes/800 Volts
CM520813 POWEREX-CM520813 Datasheet
94Kb / 4P
SCR/Diode POW-R-BLOK??Modules 130 Amperes/800 Volts
CM530813 POWEREX-CM530813 Datasheet
97Kb / 4P
Dual SCR POW-R-BLOK??Modules 130 Amperes/800 Volts
CM530820 POWEREX-CM530820 Datasheet
81Kb / 4P
Dual SCR POW-R-BLOK??Modules 200 Amperes/800 Volts
CM531213 POWEREX-CM531213 Datasheet
82Kb / 4P
Dual SCR POW-R-BLOK??Modules 200 Amperes/800 Volts
CT220802 POWEREX-CT220802 Datasheet
91Kb / 4P
Split SCR/Diode POW-R-BLOK??Modules 20 Amperes/800 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com