Electronic Components Datasheet Search
  English  ▼

X  

WPA/B/C Datasheet(PDF) 3 Page - Littelfuse

Part # WPA/B/C
Description  Two-Terminal Surface Mount Resistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

WPA/B/C Datasheet(HTML) 3 Page - Littelfuse

  WPA/B/C Datasheet HTML 1Page - Littelfuse WPA/B/C Datasheet HTML 2Page - Littelfuse WPA/B/C Datasheet HTML 3Page - Littelfuse WPA/B/C Datasheet HTML 4Page - Littelfuse WPA/B/C Datasheet HTML 5Page - Littelfuse WPA/B/C Datasheet HTML 6Page - Littelfuse WPA/B/C Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Current Sense Resistor Datasheet
© 2024 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: GD. 10/29/24
3
Two-Terminal Surface Mount Resistor
WPA/B/C Series
Electrical Specifications
Note: Resistors are available in steps of 1 mOhm. Ratings not indicated in the above table may be available on request
Littelfuse
Series
Part Number
Size
Resistance Value
Power Rating
(Watt)
TCR
(ppm / °C)
Standard Package
Quantity
Inch
mm
Ro (mΩ)
Rt (%)
WPC
WPC2512GL0M50FWR
2512
6432
0.5
±1.0%
3
±150
3000
WPC
WPC2512GL0M75FWR
2512
6432
0.75
±1.0%
3
±150
3000
WPC
WPC2512RLR001FWR
2512
6432
1
±1.0%
3
±100
3000
WPC
WPC2512QLR002FWR
2512
6432
2
±1.0%
3
±50
3000
WPC
WPC2512QLR003FWR
2512
6432
3
±1.0%
3
±50
3000
WPC
WPC2512QLR004FWR
2512
6432
4
±1.0%
3
±50
3000
WPC
WPC2512QLR005FYR
2512
6432
5
±1.0%
3
±50
4000
WPC
WPC2512QLR006FYR
2512
6432
6
±1.0%
3
±50
4000
WPC
WPC2512QLR007FYR
2512
6432
7
±1.0%
3
±50
4000
WPC
WPC2512QLR008FYR
2512
6432
8
±1.0%
3
±50
4000
WPC
WPC2512QLR009FYR
2512
6432
9
±1.0%
3
±50
4000
WPC
WPC2512QLR010FYR
2512
6432
10
±1.0%
3
±50
4000
WPC
WPC2512QLR011FYR
2512
6432
11
±1.0%
3
±50
4000
WPC
WPC2512QLR012FYR
2512
6432
12
±1.0%
3
±50
4000
WPC
WPC2512QLR013FYR
2512
6432
13
±1.0%
3
±50
4000
WPC
WPC2512QLR014FYR
2512
6432
14
±1.0%
3
±50
4000
WPC
WPC2512QLR015FYR
2512
6432
15
±1.0%
3
±50
4000
WPC
WPC2512QLR016FYR
2512
6432
16
±1.0%
3
±50
4000
WPC
WPC2512QLR018FYR
2512
6432
18
±1.0%
3
±50
4000
WPC
WPC2512QLR020FYR
2512
6432
20
±1.0%
3
±50
4000
WPC
WPC2512QLR021FYR
2512
6432
21
±1.0%
3
±50
4000
WPC
WPC2512QLR022FYR
2512
6432
22
±1.0%
3
±50
4000
WPC
WPC2512QLR024FYR
2512
6432
24
±1.0%
3
±50
4000
WPC
WPC2512QLR027FYR
2512
6432
27
±1.0%
3
±50
4000
WPC
WPC2512QLR028FYR
2512
6432
28
±1.0%
3
±50
4000
WPC
WPC2512QLR030FYR
2512
6432
30
±1.0%
3
±50
4000
WPC
WPC2512QLR033FYR
2512
6432
33
±1.0%
3
±50
4000
WPC
WPC2512QLR034FYR
2512
6432
34
±1.0%
3
±50
4000
WPC
WPC2512QLR036FYR
2512
6432
36
±1.0%
3
±50
4000
WPC
WPC2512QLR039FYR
2512
6432
39
±1.0%
3
±50
4000
WPC
WPC2512QLR043FYR
2512
6432
43
±1.0%
3
±50
4000
WPC
WPC2512QLR047FYR
2512
6432
47
±1.0%
3
±50
4000
WPC
WPC2512QLR050FYR
2512
6432
50
±1.0%
3
±50
4000
WPC
WPC2512QLR051FYR
2512
6432
51
±1.0%
3
±50
4000
WPC
WPC2512QLR056FYR
2512
6432
56
±1.0%
3
±50
4000



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com