Electronic Components Datasheet Search
  English  ▼

X  

WPA/B/C Datasheet(PDF) 7 Page - Littelfuse

Part # WPA/B/C
Description  Two-Terminal Surface Mount Resistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

WPA/B/C Datasheet(HTML) 7 Page - Littelfuse

  WPA/B/C Datasheet HTML 1Page - Littelfuse WPA/B/C Datasheet HTML 2Page - Littelfuse WPA/B/C Datasheet HTML 3Page - Littelfuse WPA/B/C Datasheet HTML 4Page - Littelfuse WPA/B/C Datasheet HTML 5Page - Littelfuse WPA/B/C Datasheet HTML 6Page - Littelfuse WPA/B/C Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Current Sense Resistor Datasheet
© 2024 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: GD. 10/29/24
7
Two-Terminal Surface Mount Resistor
WPA/B/C Series
Disclaimer Notice - Information furnished is believed to be accurate and reliable. However, users should independently evaluate the suitability of and test each product selected for their own applications. Littelfuse products are
not designed for, and may not be used in, all applications. Read complete Disclaimer Notice at http://www.littelfuse.com/disclaimer-electronics.
Part Numbering System
Tape and Reel Specifications
Part Number
A±5 (mm)
N±2 (mm)
W1±1 (mm)
WPA1206
178
60
9
WPB2512
178
60
13
WPC2512
178
60
13
Part
Number
W
(mm)
P0
(mm)
P
(mm)
P2
(mm)
A0
(mm)
B0
(mm)
D0
(mm)
F
(mm)
E
(mm)
T
(mm)
T1
(mm)
K0
(mm)
WPA1206
8.00±0.30
4.00±0.10
4.00±0.10
2.00±0.10
2.10±0.10 3.70±0.10 1.50±0.10
3.50±0.10
1.75±0.10
1.12±0.10
-
-
WPB2512
0M50, 0M75 12.00±0.30 4.00±0.10
4.00±0.10
2.00±0.10
3.40±0.20 6.75±0.20
1.55±0.10
5.50±0.10
1.75±0.10
0.20±0.10
Max. 0.1
1.30
+0.2/-0.1
WPB2512
R001~R056
12.00±0.30 4.00±0.10
4.00±0.10
2.00±0.10
3.40±0.20
6.75±0.20
1.55±0.10
5.50±0.10
1.75±0.10
0.20±0.10
Max. 0.10
1.00 ±0.20
WPC2512
0M50, 0M75 12.00±0.30 4.00±0.10
4.00±0.10
2.00±0.10
3.40±0.20 6.75±0.20
1.55±0.10
5.50±0.10
1.75±0.10
0.20±0.10
Max. 0.10
1.30
+0.2/-0.1
WPC2512
R001~R004
12.00±0.30 4.00±0.10
4.00±0.10
2.00±0.10
3.40±0.20 6.75±0.20
1.55±0.10
5.50±0.10
1.75±0.10
0.20±0.10
Max. 0.10
1.30 ±0.20
WPC2512
R005~R056
12.00±0.30 4.00±0.10
4.00±0.10
2.00±0.10
3.40±0.20 6.75±0.20
1.55±0.10
5.50±0.10
1.75±0.10
0.20±0.10
Max. 0.10
1.00±0.20
WPC 2512 R L R001 F W R
Series
Quantity Code
Tolerance Code
Packaging Code
Size
TCR
Resistance Value Code
Littelfuse Surface
Mount CSR
Y = 4,000
W = 3,000
Q = ±50 ppm °C
D = ±75 ppm °C
R = ±100 ppm °C
G = ±150 ppm °C
F = ±1%
D = ±0.5%
R = Tape and Reel
4 digit code for all values.
R or M denotes decimal
position as necessary
Note: Tape and reel packaging in accordance to EIA-481



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com