Electronic Components Datasheet Search
  English  ▼

X  

CD4011B Datasheet(PDF) 4 Page - Silicon Supplies

Part # CD4011B
Description  CMOS High Voltage Logic
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

CD4011B Datasheet(HTML) 4 Page - Silicon Supplies

  CD4011B Datasheet HTML 1Page - Silicon Supplies CD4011B Datasheet HTML 2Page - Silicon Supplies CD4011B Datasheet HTML 3Page - Silicon Supplies CD4011B Datasheet HTML 4Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Page 4 of 4 
www.siliconsupplies.com
 
 
CMOS High Voltage Logic – CD4011B
Rev 1.0
21/11/17
 
 
LIMITS
DC Electrical Characteristics Continued (Voltages referenced to V
SS)
PARAMETER
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
DISCLAIMER: The information given in this document shall in no event be regarded as a guarantee of conditions or characteristics. With respect to
any examples or hints given herein, any typical values stated herein and/or any information regarding the application of the device, Silicon Supplies Ltd
hereby disclaims any and all warranties and liabilities of any kind.
LIFE SUPPORT POLICY: Silicon Supplies Ltd components may be used in life support devices or systems only with the express written
approval of Silicon Supplies Ltd, if a failure of such components can reasonably be expected to cause the failure of that life support device or system or
to affect the safety or effectiveness of that device or system. Life support devices or systems are intended to be implanted in the human body or to
support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may
be endangered.
AC Electrical Characteristics5
5. Not production testing in die form, characterized by chip design and tested in package.
SYMBOL
VDD
CONDITIONS
UNITS
FULL RANGE
4
25°C
85°C
VIN = VDD or VSS
VOL = 0.4V
5V
0.64
0.51
0.36
VIN = VDD or VSS
10V
VOL = 0.5V
1.6
1.3
0.9
Minimum Output
Low (Sink) Current
IOL
VIN = VDD or VSS
15V
VOL = 1.5V
4.2
3.4
2.4
mA
VIN = VDD or VSS
5V
VOH = 2.5V
-2.0
-1.6
-1.15
V
VIN = VDD or VSS
5V
VOH = 4.6V
-0.64
-0.51
-0.36
10V
VIN = VDD or VSS
VOH = 9.5V
-1.6
-1.3
-0.9
Minimum Output
High (Source)
Current
IOH
VIN = VDD or VSS
15V
VOH = 13.5V
-4.2
-3.4
-2.4
 
4. -55˚C ≤ TJ ≤ +125˚C.
TYPICAL
LIMITS
PARAMETER
SYMBOL
VDD
CONDITIONS
UNITS
FULL RANGE
4
25°C
85°C
5V
125
250
250
10V
60
100
120
Propagation Delay,
CL = 50pF,
Input A or B to
Output Y (Figure 1)
tPLH, tPHL
15V
RL = 200kΩ
ns
tr = tf = 20ns
45
80
90
5V
100
250
200
10V
50
100
100
Output Transition
CL = 50pF,
Time, Any Output
(Figure 1)
tTLH, tTHL
15V
RL = 200kΩ
ns
tr = tf = 20ns
40
80
80
CL = 50pF,
Input Capacitance
CIN
-
RL = 200kΩ
tr = tf = 20ns
5
7.5
7.5
pF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com