Electronic Components Datasheet Search
  English  ▼

X  

CD4011B Datasheet(PDF) 2 Page - Silicon Supplies

Part # CD4011B
Description  CMOS High Voltage Logic
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

CD4011B Datasheet(HTML) 2 Page - Silicon Supplies

  CD4011B Datasheet HTML 1Page - Silicon Supplies CD4011B Datasheet HTML 2Page - Silicon Supplies CD4011B Datasheet HTML 3Page - Silicon Supplies CD4011B Datasheet HTML 4Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
 
d 
CMOS High Voltage Logic – CD4011B
Rev 1.0
21/11/17
 
 
Pad Layout and Functions
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
COORDINATES (mm)
PAD
FUNCTION
X
Y
1
1A
0.108
0.340
2
2A
0.165
0.108
3
OUT A
0.362
0.108
4
OUT B
0.566
0.108
5
1B
0.763
0.108
6
2B
0.820
0.340
7
VSS
0.785
0.542
8
1C
0.820
0.759
9
2C
0.763
0.991
10
OUT C
0.566
0.991
11
OUT D
0.362
0.991
12
1D
0.165
0.991
13
2D
0.108
0.759
14
VDD
0.108
0.548
CONNECT CHIP BACK TO VDD OR FLOAT
Circuit Schematic
Pad 14 = VCC
Pad 7 = VSS
Truth Table
INPUTS
OUTPUT
A
B
Y
L
L
H
H
L
H
L
H
H
H
H
L
H = High level (steady state)
L = Low level (steady state)
1050µm (41.34 mils)
12
13
11
10
9
8
4
3
2
1
DIE ID
7
6
5
14
0,0
Page 2 of 4 
www.siliconsupplies.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com