Electronic Components Datasheet Search
  English  ▼

X  

CD4049B Datasheet(PDF) 5 Page - Silicon Supplies

Part # CD4049B
Description  CMOS High Voltage Logic
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

CD4049B Datasheet(HTML) 5 Page - Silicon Supplies

  CD4049B Datasheet HTML 1Page - Silicon Supplies CD4049B Datasheet HTML 2Page - Silicon Supplies CD4049B Datasheet HTML 3Page - Silicon Supplies CD4049B Datasheet HTML 4Page - Silicon Supplies CD4049B Datasheet HTML 5Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Page 5 of 5 
www.siliconsupplies.com
 
 
CMOS High Voltage Logic – CD4049B
Rev 1.0
21/11/17
 
AC Electrical Characteristics Continued6
LIMITS
 
PARAMETER
 
 
 
 
 
 
 
 
DISCLAIMER: The information given in this document shall in no event be regarded as a guarantee of conditions or characteristics. With respect to
any examples or hints given herein, any typical values stated herein and/or any information regarding the application of the device, Silicon Supplies Ltd
hereby disclaims any and all warranties and liabilities of any kind.
LIFE SUPPORT POLICY: Silicon Supplies Ltd components may be used in life support devices or systems only with the express written
approval of Silicon Supplies Ltd, if a failure of such components can reasonably be expected to cause the failure of that life support device or system or
to affect the safety or effectiveness of that device or system. Life support devices or systems are intended to be implanted in the human body or to
support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may
be endangered.
SYMBOL
VIN
VDD
CONDITIONS
UNITS
FULL RANGE
5
25°C
85°C
5V
5V
60
60
120
10V
10V
40
40
80
Output
CL = 50pF,
Transition Time,
ns
Any Output
(Figure 1)
tTHL
RL = 200kΩ
tr = tf = 20ns
15V
15V
30
30
60
Input
Capacitance
CIN
-
CL = 50pF,
RL = 200kΩ
tr = tf = 20ns
22.5
22.5
22.5
pF
6. Not production tested in die form, characterized by chip design and tested in package.
Switching Waveform
Figure 1 – Input to Output



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com