Electronic Components Datasheet Search
  English  ▼

X  

CD4049B Datasheet(PDF) 1 Page - Silicon Supplies

Part # CD4049B
Description  CMOS High Voltage Logic
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

CD4049B Datasheet(HTML) 1 Page - Silicon Supplies

  CD4049B Datasheet HTML 1Page - Silicon Supplies CD4049B Datasheet HTML 2Page - Silicon Supplies CD4049B Datasheet HTML 3Page - Silicon Supplies CD4049B Datasheet HTML 4Page - Silicon Supplies CD4049B Datasheet HTML 5Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
 
 
 CMOS High Voltage Logic – CD4049B
Rev 1.0
21/11/17
Features:
 
Hex Inverter / Buffer Logic IC in bare die form
 
Description
 
High Input Voltage up to 20V
Inputs allow voltages greater than VDD
 
High Source and Sink Currents
x2 TTL load drive over Military Temperature range
 
Specified at 5V, 10V & 15V
Direct drop-in replacement for obsolete
components in long term programs.  
 
 
 
 
 
 
The following part suffixes apply:
No suffix - MIL-STD-883 /2010B Visual Inspection
 
 
 
 
 
 
 
 
 
 
 
 
Die Size (Unsawn)
1550 x 1500
61 x 59
µm
mils
Minimum Bond Pad Size
106 x 106
4.17 x 4.17
µm
mils
Die Thickness
350 (±20)
13.78 (±0.79)
µm
mils
Top Metal Composition
Al 1%Si 1.1µm
Back Metal Composition
N/A – Bare Si
“H” - MIL-STD-883 /2010B Visual Inspection
+ MIL-PRF-38534 Class H LAT
“K” - MIL-STD-883 /2010A Visual Inspection (Space)
+ MIL-PRF-38534 Class K LAT
LAT = Lot Acceptance Test.
For further information on LAT process flows see below.
www.siliconsupplies.com\quality\bare-die-lot-qualification
Supply Formats:
Mechanical Specification
Default – Die in Waffle Pack (100 per tray capacity)
Sawn Wafer on Tape – On request
Unsawn Wafer – On request
Die Thickness <> 350µm(14 Mils) – On request
Assembled into Ceramic Package – On request
The CD4049B Inverting Hex Buffer is fabricated on a
3µm 15CMOS process. The device is typically used as
a Hex Buffer, CMOS to TTL converter or as a CMOS
current driver. Logic levels are converted using only
one supply voltage (VDD). Special input protection
allows the input signal high level (VIH) to exceed the
VDD supply voltage when the device is used for logic
level conversion. Two TTL/DTL loads can be driven
over the full temperature range when the devices are
used as level converters.
Ordering Information
Die Dimensions in µm (mils)
1550 (61)
Page 1 of 5 
www.siliconsupplies.com


Similar Part No. - CD4049B

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
CD4049B SS-CD4049B Datasheet
608Kb / 5P
CMOS High Voltage Logic
logo
National Semiconductor ...
CD4049BCJ NSC-CD4049BCJ Datasheet
129Kb / 6P
Hex Inverting,Non-Inverting Buffer
logo
Texas Instruments
CD4049BE TI1-CD4049BE Datasheet
1Mb / 37P
CMOS Hex Buffer/Converters
logo
National Semiconductor ...
CD4049BMJ NSC-CD4049BMJ Datasheet
129Kb / 6P
Hex Inverting,Non-Inverting Buffer
logo
Intersil Corporation
CD4049BMS INTERSIL-CD4049BMS Datasheet
85Kb / 7P
CMOS Hex Buffer/Converter
December 1992
More results

Similar Description - CD4049B

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
CD4001B SS-CD4001B Datasheet
522Kb / 4P
CMOS High Voltage Logic
CD4011B SS-CD4011B Datasheet
519Kb / 4P
CMOS High Voltage Logic
CD4013B SS-CD4013B Datasheet
692Kb / 6P
CMOS High Voltage Logic
CD4030B SS-CD4030B Datasheet
671Kb / 5P
CMOS High Voltage Logic
CD4046B SS-CD4046B Datasheet
932Kb / 8P
CMOS High Voltage Logic
CD4049B SS-CD4049B Datasheet
608Kb / 5P
CMOS High Voltage Logic
CD4053B SS-CD4053B Datasheet
706Kb / 6P
CMOS High Voltage Logic
CD4073B SS-CD4073B Datasheet
521Kb / 5P
CMOS High Voltage Logic
LM137 SS-LM137 Datasheet
2Mb / 6P
CMOS High Voltage Logic
CD4030B SS-CD4030B_V01 Datasheet
403Kb / 5P
CMOS High Voltage Logic
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com