Electronic Components Datasheet Search
  English  ▼

X  

MM54C14 Datasheet(PDF) 2 Page - Silicon Supplies

Part # MM54C14
Description  CMOS High Voltage Logic
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

MM54C14 Datasheet(HTML) 2 Page - Silicon Supplies

  MM54C14 Datasheet HTML 1Page - Silicon Supplies MM54C14 Datasheet HTML 2Page - Silicon Supplies MM54C14 Datasheet HTML 3Page - Silicon Supplies MM54C14 Datasheet HTML 4Page - Silicon Supplies MM54C14 Datasheet HTML 5Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
d
CMOS High Voltage Logic – MM54C14
Rev 1.0
17/02/2023
Pad Layout and Functions
Logic Diagram
Function Table
INPUT
A
OUTPUT
Y
L
H
H
L
Pad 14 = VCC
Pad 7 = GND
COORDINATES (µm)
DIE ID
PAD
FUNCTION
X
Y
1
1A
90
75
2
1Y
435
85
3
2A
600
75
4
2Y
885
85
5
3A
1135
80
6
3Y
1485
210
7
GND
1485
390
8
4Y
1495
870
9
4A
1180
880
10
5Y
1010
875
11
5A
730
880
12
6Y
445
870
13
6A
85
805
14
VCC
95
625
CONNECT CHIP BACK TO VCC
Page 2 of 5
www.siliconsupplies.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com